Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ13CA Fiches technique(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

No de pièce SMAJ13CA
Description  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YANGJIE [Yangzhou yangjie electronic co., ltd]
Site Internet  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ13CA Fiches technique(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SMAJ13CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ13CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ13CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ13CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ13CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ13CA Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ13CA Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMAJ SERIES 
 
1 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Surface Mount Transient Voltage Suppressor Diodes
Features
● Low profile package
● Ideal for automated placement
● Glass passivated chip junction
● High forward surge capability
● Available in uni-directional 400 W peak pulse
power capability with a 10/1000 μs waveform
● Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
Typical Applications
For use in high frequency rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer, and telecommunication.
Mechanical Data
Package: DO-214AC (SMA) 
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end 
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
Max
Peak power dissipation, with a 10/1000us waveform
(1) (2) (Fig.1)
PPPM
W
400
Peak pulse current, with a 10/1000us waveform
(1)
IPPM
A
See Next Table
Power dissipation, on infinite heat sink at TL=75℃
PD
W
1.0
Peak forward surge current, 8.3 ms single half sine-wave unidirectional only
(2)
IFSM
A
40
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
VALUE
Maximum instantaneous forward voltage
@ at 25A for unidirectional only (3)
VF
V
3.5/5.0
Maximum instantaneous forward voltage
@ at 1A for unidirectional only
VF
V
1.5
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
Conditions
VALUE
Thermal resistance(Typical)
RθJL
/W
junction to lead
30
RθJA
/W
junction to ambient, LLead = 10 mm
120


Numéro de pièce similaire - SMAJ13CA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SMAJ13CA DIODES-SMAJ13CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ13CA BYTES-SMAJ13CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ13CA UMW-SMAJ13CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Anova Technologies CO.,...
SMAJ13CA ANOVA-SMAJ13CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
SMAJ13CA PACELEADER-SMAJ13CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - SMAJ13CA

FabricantNo de pièceFiches techniqueDescription
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com