Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISLT100X Fiches technique(PDF) 8 Page - ISOCOM COMPONENTS

No de pièce ISLT100X
Description  Switching Mode Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISOCOM [ISOCOM COMPONENTS]
Site Internet  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISLT100X Fiches technique(HTML) 8 Page - ISOCOM COMPONENTS

Back Button ISLT100X Datasheet HTML 3Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 4Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 5Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 6Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 7Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 8Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 9Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 10Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 11Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 02/06/2014
DC93179
ISLT100X
ISOCOM
COMPONENTS
IR REFLOW SOLDERING TEMPERATURE PROFILE
(One Time Reflow Soldering is Recommended)
TIME (s)
25°C
ts Preheat
60s – 120s
Tsmin
Tsmax
260°C
TL
217°C
Time 25°C to Peak Temperature
tP
TP - 5°C
TP
Max Ramp Up Rate
3°C/s
Max Ramp Down Rate
6°C/s
TL
200°C
150°C
Profile Details
Conditions
Preheat
- Min Temperature (TSMIN)
- Max Temperature (TSMAX)
- Time TSMIN to TSMAX (ts)
150°C
200°C
60s - 120s
Soldering Zone
- Peak Temperature (TP)
- Liquidous Temperature (TL)
- Time within 5°C of Actual Peak Temperature (TP ̶ 5°C)
- Time maintained above TL (tL)
- Ramp Up Rate (TL to TP)
- Ramp Down Rate (TP to TL)
260°C
217°C
30s
60s - 100s
3°C/s max
6°C/s max
Average Ramp Up Rate (Tsmax to TP)
3°C/s max
Time 25°C to Peak Temperature
8 minutes max


Numéro de pièce similaire - ISLT100X

FabricantNo de pièceFiches techniqueDescription
logo
ISOCOM COMPONENTS
ISLT1102 ISOCOM-ISLT1102 Datasheet
453Kb / 4P
   ISLT1102 ( Long Creepage )
More results

Description similaire - ISLT100X

FabricantNo de pièceFiches techniqueDescription
logo
ISOCOM COMPONENTS
IS1100 ISOCOM-IS1100 Datasheet
545Kb / 10P
   Switching Mode Power Supply
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com