Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPT1 Fiches technique(PDF) 1 Page - ISOCOM COMPONENTS

No de pièce FPT1
Description  Computer terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISOCOM [ISOCOM COMPONENTS]
Site Internet  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

FPT1 Fiches technique(HTML) 1 Page - ISOCOM COMPONENTS

  FPT1 Datasheet HTML 1Page - ISOCOM COMPONENTS FPT1 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISOCOMCOMPONENTS2004LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1UD
Tel:(01429)863609 Fax:(01429)863581
HIGH DENSITY MOUNTING
PHOTOTRANSISTOR
OPTICALLY COUPLED ISOLATORS
DESCRIPTION
The IS2701-1 is an optically coupled isolator
consisting of an infrared light emitting diode and
NPN silicon photo transistor in a space efficient
dual in line plastic package.
FEATURES
Marked as FPT1.
Current Transfer Ratio MIN. 50%
IsolationVoltage (3.75kV
RMS,5.3kVPK )
All electrical parameters 100% tested
Drop in replacement for NEC PS2701-1
APPLICATIONS
Computer terminals
Industrial systems controllers
Measuring instruments
Signal transmission between systems of
different potentials and impedances
1/6/10
Dimensions in mm
IS2701-1
DB92850l
3.85+/-0.3


Numéro de pièce similaire - FPT1

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FPT100 FAIRCHILD-FPT100 Datasheet
47Kb / 1P
   General Purpose Silicon Planar Phototransistor
logo
Eaton All Rights Reserv...
FPT1006 EATON-FPT1006 Datasheet
336Kb / 4P
   Dual conductor high current power inductors
FPT1006-340-R EATON-FPT1006-340-R Datasheet
336Kb / 4P
   Dual conductor high current power inductors
FPT1006-400-R EATON-FPT1006-400-R Datasheet
336Kb / 4P
   Dual conductor high current power inductors
FPT1006-500-R EATON-FPT1006-500-R Datasheet
336Kb / 4P
   Dual conductor high current power inductors
More results

Description similaire - FPT1

FabricantNo de pièceFiches techniqueDescription
logo
ISOCOM COMPONENTS
IS124 ISOCOM-IS124 Datasheet
59Kb / 2P
   Computer terminals
IS2702-1 ISOCOM-IS2702-1 Datasheet
278Kb / 6P
   Computer terminals
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
   Computer terminals
IS2732-1 ISOCOM-IS2732-1 Datasheet
337Kb / 1P
   Computer terminals
IS126 ISOCOM-IS126 Datasheet
57Kb / 2P
   Computer terminals
IS354 ISOCOM-IS354 Datasheet
58Kb / 2P
   Computer terminals
IS355 ISOCOM-IS355 Datasheet
625Kb / 2P
   Computer terminals
IS2705-1 ISOCOM-IS2705-1 Datasheet
315Kb / 6P
   Computer terminals
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
   Computer
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
   COMPUTER DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com