Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR30D-36100AZ-220 Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AMEPR30D-36100AZ-220
Description  up to 2A | AC-DC LED driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30D-36100AZ-220 Fiches technique(HTML) 1 Page - AIMTEC

  AMEPR30D-36100AZ-220 Datasheet HTML 1Page - AIMTEC AMEPR30D-36100AZ-220 Datasheet HTML 2Page - AIMTEC AMEPR30D-36100AZ-220 Datasheet HTML 3Page - AIMTEC AMEPR30D-36100AZ-220 Datasheet HTML 4Page - AIMTEC AMEPR30D-36100AZ-220 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMEPR30D-AZ
up to 2A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3.T
1 of 5
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
No Load
Output
Voltage
(V max.)
Output
Current (A)
Input Voltage
(VAC/Hz)
Efficiency
(%)
115
VAC
230
VAC
AMEPR30D-5070AZ +Suffix②
35
36-50
64
0.7
90-264/47-440
82
85
AMEPR30D-4270AZ+Suffix②
29.4
32-42
54
0.7
90-264/47-440
84
87
AMEPR30D-3670AZ+Suffix②
25.2
24-36
52
0.7
90-264/47-440
83
84
AMEPR30D-36100AZ+Suffix②
36
24-36
52
1
90-264/47-440
83
84
AMEPR30D-24125AZ+Suffix②
30
12-24
34
1.25
90-264/47-440
82
84
AMEPR30D-24140AZ+Suffix②
33.6
12-24
34
1.4
90-264/47-440
80
83
AMEPR30D-15200AZ+Suffix②
30
8-15
23
2
90-264/47-440
78
80
Exceeding the maximum output power will permanently damage the converter.
Model Nomenclature for Ordering:
Add Suffix “-U”
Universal AC input 90-264VAC, (no TRIAC dimming option)
Add Suffix “-110”
AC input 90-135VAC, 115VAC typical value
Add Suffix “-220”
AC input 180-264VAC, 230VAC typical value
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230VAC) and at rated output load unless otherwise specified. See http://www.aimtec.com/terms-
sale
AMEPR30D-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are prone
to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or cause
early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms (cold start)
115VAC
15
A
230VAC
30
Leakage current
0.25
mA
AC current
115VAC
500
mA
230VAC
350
Power Factor
115VAC
0.9
230VAC
0.9
External fuse
Recommended slow blow
type
1
A
Start up time
200
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±7
%
Line regulation
LL-HL
±10
%
Load regulation
0-100% load
±7
%
 AC-DC Constant current LED Driver
 Leading or Trailing Edge Triac
 Input range 90-264VAC/47-440Hz
 IP67 Case
 Active PFC with TRIAC dimmable
 High Efficiency up to 87%
 Operating temperature -20 to 80°C
 Total Harmonic Distortion
< 20%
 5 Year Limited Warranty
 SCP, Over Load Protection
Click on Series name for product info on aimtec.com


Numéro de pièce similaire - AMEPR30D-36100AZ-220

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30D-36100AZ AIMTEC-AMEPR30D-36100AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-36100AZ AIMTEC-AMEPR30D-36100AZ Datasheet
404Kb / 5P
   AC-DC Constant current LED Driver
More results

Description similaire - AMEPR30D-36100AZ-220

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com