Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR30D-36100AZ-U Fiches technique(PDF) 5 Page - AIMTEC

No de pièce AMEPR30D-36100AZ-U
Description  up to 2A | AC-DC LED driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30D-36100AZ-U Fiches technique(HTML) 5 Page - AIMTEC

  AMEPR30D-36100AZ-U Datasheet HTML 1Page - AIMTEC AMEPR30D-36100AZ-U Datasheet HTML 2Page - AIMTEC AMEPR30D-36100AZ-U Datasheet HTML 3Page - AIMTEC AMEPR30D-36100AZ-U Datasheet HTML 4Page - AIMTEC AMEPR30D-36100AZ-U Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AMEPR30D-AZ
up to 2A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3.T
5 of 5
North America only
Triac Dimming Performance
AMEPR30D-3670AZ
Triac dimming performance is typical as with other models, for specific details on other model
performance, please see the Aimtec Triac Dimming Application note at www.aimtec.com
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
5. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
38 
240 
602 
653 
15 
386 
533 
0
100
200
300
400
500
600
700
20
70
120
170
(mA)
Angle
Dimming Performance(Input 110Vac)
NS‐1223B
LUTRON DVCL‐
15SP‐WH
70 
257 
614 
712 
102 
158 
449 
678 
20 
75 
427 
629 
96 
205 
525 
609 
0
100
200
300
400
500
600
700
800
20
70
120
170
220
(mA)
Angle
Dimming Performance(Input 230 Vac)
NS‐1223C
Berker 286710
LUTRON LLSI‐
502B‐FAW‐M
LUTRON RNSI‐
452


Numéro de pièce similaire - AMEPR30D-36100AZ-U

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30D-36100AZ AIMTEC-AMEPR30D-36100AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-36100AZ AIMTEC-AMEPR30D-36100AZ Datasheet
404Kb / 5P
   AC-DC Constant current LED Driver
More results

Description similaire - AMEPR30D-36100AZ-U

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com