Moteur de recherche de fiches techniques de composants électroniques |
|
4N25.300W Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
4N25.300W Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 15 page 6/15/05 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS Page 2 of 15 © 2005 Fairchild Semiconductor Corporation ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified) Parameter Symbol Value Units TOTAL DEVICE Storage Temperature TSTG -55 to +150 °C Operating Temperature TOPR -55 to +100 °C Wave solder temperature (see page 14 for reflow solder profiles) TSOL 260 for 10 sec °C Total Device Power Dissipation @ TA = 25°C Derate above 25°C PD 250 mW 3.3 (non-M), 2.94 (-M) EMITTER DC/Average Forward Input Current IF 100 (non-M), 60 (-M) mA Reverse Input Voltage VR 6V Forward Current - Peak (300µs, 2% Duty Cycle) IF(pk) 3A LED Power Dissipation @ TA = 25°C Derate above 25°C PD 150 (non-M), 120 (-M) mW 2.0 (non-M), 1.41 (-M) mW/°C DETECTOR Collector-Emitter Voltage VCEO 30 V Collector-Base Voltage VCBO 70 V Emitter-Collector Voltage VECO 7V Detector Power Dissipation @ TA = 25°C Derate above 25°C PD 150 mW 2.0 (non-M), 1.76 (-M) mW/°C |
Numéro de pièce similaire - 4N25.300W |
|
Description similaire - 4N25.300W |