Moteur de recherche de fiches techniques de composants électroniques |
|
DLR10-2248-5024NIL-B Fiches technique(PDF) 2 Page - Willow Technologies Ltd |
|
DLR10-2248-5024NIL-B Fiches technique(HTML) 2 Page - Willow Technologies Ltd |
2 / 7 page Page 2 of 7 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 DLR industrial power relay DC Coil Data (at 23°C) Table 1 Coil Voltage Code Nominal Voltage (V DC) Coil Resistance (Ω) ±10% Power Consumption approx. (mW) Must Operate Voltage max. (V DC) Must Release Voltage min. (V DC) Max. Allowable Voltage (V DC) 1006 6 18.9 1.9W 4.5 0.9 6.6 1012 12 75 9 1.8 13.2 1024 24 303 18 3.6 26.4 1048 48 1220 36 7.2 52.8 1100 100 5260 75 15.0 110.0 Ref: DLR 091411JHM 1 0 1 0 Specifications are subject to change without notice. E&OE. Ordering codes Type Contact Material Contact arrange- ment Cover pro- tection and mounting Coil code Options D L R - - - - Contact material see Tables 1, & 2 10 - AgCdO 30 - AgSnO 2 (special order - contact factory) Contact arrangement 21 - SPST-NO (1 N/O) 22 - DPST-NO (2 N/O) Cover protection category 2 - in cover, IP40 4 - cover with flange mount, IP40 9 - cover with flange and DIN Rail Mount, IP40 Connection mode 5 - for PCB 6 - 6.35mm quick connect blade terminals 8 - screw terminals Options NIL - No option K - Test button Coil insulation type NIL - Class F (standard) B - Class B (special order - contact factory) AC Coil Data (at 23°C) Table 2 Coil Voltage Code Nominal Voltage (V AC) Rated Coil Current (mA) +15/-20% Power Consumption approx. (mW) Must Operate Voltage max. (V AC) Must Release Voltage min. (V AC) Max. Allowable Voltage (V AC) 5012 12 142 1.7 to 2.5VA (60Hz) 9 0.9 13.2 5024 24 71 18 1.8 26.4 5050 50 34 37.5 3.6 55 5120 100 to 120 17 to 20.4 75 18 132 5230 200 to 240 8.5 to 10.2 150 36 264 |
Numéro de pièce similaire - DLR10-2248-5024NIL-B |
|
Description similaire - DLR10-2248-5024NIL-B |