Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2B Fiches technique(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

No de pièce ES2B
Description  Surface Mount Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YANGJIE [Yangzhou yangjie electronic co., ltd]
Site Internet  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ES2B Fiches technique(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  ES2B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ES2B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ES2B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ES2B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ES2A THRU ES2K
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S025
Rev. 2.1, 28-Apr-14
www.21yangjie.com
■Thermal Characteristics (T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
ES2A
ES2B
ES2C
ES2D
ES2F
ES2G
ES2H
ES2J
ES2K
Thermal resistance
R
θJ-A(1)
℃/W
75
1)
R
θJ-L(1)
15
1)
Note
(1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.27" x 0.27" (7.0 mm x 7.0 mm)
copper pad areas
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
ES2A-ES2K
F2
Approximate 0.096
750
3000
24000
7” reel
ES2A-ES2K
F1
Approximate 0.096
3000
6000
48000
13” reel
■ Characteristics (Typical)
Number of Cycles
FIG2Surge Forward Current Capability
8.3ms Single Half Sine Wave
1
10
100
0
10
20
30
40
50
0
20
40
60
80
100
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
Tj=125℃
0
0.4
0.8
1.2
1.6
2.0
0.01
0.02
0.05
Instantaneous Forward Voltage(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
ES2A~ES2D
ES2F~
ES2G
ES2H-ES2J
1.4
ES2K
0.2
0.6
1.0
1.8
20
160
FIG1Io-TL Curve
Resistive or Inductive Load
P.C.B. Mounted on 0.2"×0.2"
(5.0mm×5.0mm)Copper Pad Areas
Lead Temperature()
2.4
0
40
60
80
100
120
140
0.4
0.8
1.2
1.6
2.0


Numéro de pièce similaire - ES2B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ES2B VISHAY-ES2B Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
logo
Jinan Gude Electronic D...
ES2B JGD-ES2B Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
ES2B HY-ES2B Datasheet
414Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Taiwan Semiconductor Co...
ES2B TSC-ES2B Datasheet
384Kb / 4P
   Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES2B BILIN-ES2B Datasheet
118Kb / 2P
   SURFACE MOUNT RECTIFIER
More results

Description similaire - ES2B

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS_04 Datasheet
39Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MFPU1S TAITRON-MFPU1S Datasheet
141Kb / 3P
   Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Electronics ...
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AF CHENDA-ES1AF_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MER2DMB PANJIT-MER2DMB Datasheet
242Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DMB-REV.00
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
   Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Electronics ...
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MSR2DAFC PANJIT-MSR2DAFC Datasheet
350Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
March 30,2021 MSR2DAFC-REV.00
MSR2DAL PANJIT-MSR2DAL Datasheet
329Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
January 6,2021 MSR2DAL-REV.00
ERT2AAFC PANJIT-ERT2AAFC Datasheet
349Kb / 4P
   Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com