Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLR10-2125-5120NIL-NIL Fiches technique(PDF) 2 Page - Willow Technologies Ltd

No de pièce DLR10-2125-5120NIL-NIL
Description  industrial power relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLOW [Willow Technologies Ltd]
Site Internet  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DLR10-2125-5120NIL-NIL Fiches technique(HTML) 2 Page - Willow Technologies Ltd

  DLR10-2125-5120NIL-NIL Datasheet HTML 1Page - Willow Technologies Ltd DLR10-2125-5120NIL-NIL Datasheet HTML 2Page - Willow Technologies Ltd DLR10-2125-5120NIL-NIL Datasheet HTML 3Page - Willow Technologies Ltd DLR10-2125-5120NIL-NIL Datasheet HTML 4Page - Willow Technologies Ltd DLR10-2125-5120NIL-NIL Datasheet HTML 5Page - Willow Technologies Ltd DLR10-2125-5120NIL-NIL Datasheet HTML 6Page - Willow Technologies Ltd DLR10-2125-5120NIL-NIL Datasheet HTML 7Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DLR
industrial power relay
DC Coil Data (at 23°C)
Table 1
Coil Voltage Code
Nominal Voltage
(V DC)
Coil Resistance
(Ω) ±10%
Power
Consumption
approx. (mW)
Must Operate
Voltage max.
(V DC)
Must Release
Voltage min.
(V DC)
Max. Allowable
Voltage
(V DC)
1006
6
18.9
1.9W
4.5
0.9
6.6
1012
12
75
9
1.8
13.2
1024
24
303
18
3.6
26.4
1048
48
1220
36
7.2
52.8
1100
100
5260
75
15.0
110.0
Ref: DLR 091411JHM
1
0
1
0
Specifications are subject to change without notice. E&OE.
Ordering codes
Type
Contact
Material
Contact
arrange-
ment
Cover pro-
tection and
mounting
Coil code
Options
D
L
R
-
-
-
-
Contact material
see Tables 1, & 2
10
-
AgCdO
30
-
AgSnO
2 (special order - contact factory)
Contact arrangement
21
-
SPST-NO (1 N/O)
22
-
DPST-NO (2 N/O)
Cover protection category
2
-
in cover, IP40
4
-
cover with flange mount, IP40
9
-
cover with flange and DIN Rail Mount, IP40
Connection mode
5
-
for PCB
6
-
6.35mm quick connect blade terminals
8
-
screw terminals
Options
NIL
-
No option
K
-
Test button
Coil insulation type
NIL
-
Class F (standard)
B
-
Class B (special order - contact factory)
AC Coil Data (at 23°C)
Table 2
Coil Voltage Code
Nominal Voltage
(V AC)
Rated Coil Current
(mA) +15/-20%
Power
Consumption
approx. (mW)
Must Operate
Voltage max.
(V AC)
Must Release
Voltage min.
(V AC)
Max. Allowable
Voltage
(V AC)
5012
12
142
1.7 to 2.5VA
(60Hz)
9
0.9
13.2
5024
24
71
18
1.8
26.4
5050
50
34
37.5
3.6
55
5120
100 to 120
17 to 20.4
75
18
132
5230
200 to 240
8.5 to 10.2
150
36
264


Numéro de pièce similaire - DLR10-2125-5120NIL-NIL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
DLR1040-ST-XX ETC1-DLR1040-ST-XX Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
More results

Description similaire - DLR10-2125-5120NIL-NIL

FabricantNo de pièceFiches techniqueDescription
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
Willow Technologies Ltd
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
Tyco Electronics
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
logo
American Zettler, Inc.
AZ1401 AZETTLER-AZ1401 Datasheet
491Kb / 2P
   Industrial Relay
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com