Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE192 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE192
Description  Silicon Complementary Transistors Audio Power Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE192 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE192 Datasheet HTML 1Page - NTE Electronics NTE192 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE192 (NPN) & NTE193 (PNP)
NTE192A (NPN) & NTE193A (PNP)
Silicon Complementary Transistors
Audio Power Output
Description:
NTE192 (NPN)/NTE193 (PNP) and NTE192A (NPN)/NTE193A (PNP) are silicon complementary
transistors in a TO92HS type package designed for use in general purpose industrial circuits. These
devices are especially suited for high level linear amplifiers or medium speed switching circuits in
industrial control applications.
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Emitter Voltage, VCEO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current (Note 1), IC
500mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C, Note 1), PT
900mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
7.2mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C), PT
560mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
4.47mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/16”
±1/32” from case for 10sec max), TL
+260
°C
. . . . . . . .
Note 1. Determined from power limitations due to saturation voltage at this current.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Characteristics
Collector Cutoff Current
ICBO
VCB = 50V
0.1
µA
VCB = 50V, TA = +100°C
15
µA
Emitter Cutoff Current
IEBO
VEB = 5V
0.1
µA
Collector Saturation Voltage
VCE(sat) IB = 3mA, IC = 50mA
0.30
V
Base Saturation Voltage
VBE(sat) IB = 3mA, IC = 50mA
0.85
V
DC Current Gain
hFE
VCE = 4.5V, IC = 2mA
180
540


Numéro de pièce similaire - NTE192

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1920 NTE-NTE1920 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 18V, 1.5A
NTE1923 NTE-NTE1923 Datasheet
25Kb / 2P
   3 Terminal Negative Voltage Regulator -18V, 1.5A
NTE1924 NTE-NTE1924 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 1.5A
NTE1925 NTE-NTE1925 Datasheet
25Kb / 2P
   3 Terminal Negative Voltage Regulator -18V, 1.5A
NTE1927 NTE-NTE1927 Datasheet
30Kb / 3P
   Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator
More results

Description similaire - NTE192

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Power Audio Output
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Output Driver
NTE284 NTE-NTE284 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Amplifier Output
NTE2328 NTE-NTE2328 Datasheet
22Kb / 2P
   cSilicon Complementary Transistors Audio Power Output
NTE128 NTE-NTE128 Datasheet
27Kb / 3P
   Silicon Complementary Transistors Audio Output, Video, Driver
NTE196 NTE-NTE196 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Audio Power Output and Medium Power Switching
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE289A NTE-NTE289A Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE152 NTE-NTE152 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com