Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM42-3022-35-5012 Fiches technique(PDF) 1 Page - Willow Technologies Ltd

No de pièce DM42-3022-35-5012
Description  pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLOW [Willow Technologies Ltd]
Site Internet  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM42-3022-35-5012 Fiches technique(HTML) 1 Page - Willow Technologies Ltd

  DM42-3022-35-5012 Datasheet HTML 1Page - Willow Technologies Ltd DM42-3022-35-5012 Datasheet HTML 2Page - Willow Technologies Ltd DM42-3022-35-5012 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DM42
pcb power relay
Contacts
Contact number & arrangement
DPST-NO (2 N/O), DPDT ( 2 C/O)
Contact material
AgCdO, AgSnO
2
Max. switching voltage
AC/DC 240VAC / 28VDC
Min. switching current / voltage
1mA/1VDC
Rated load
AC1 7A, 240VAC
DC1 7A, 28VDC
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...48V
AC 6V...230V
Must release voltage
DC ≥ 0.1Un
AC ≥ 0.3Un
Operating range of supply voltage
See coil tables 1 and 2
Rated power consumption
DC 0.53W
AC 1.0VA
Insulation
Insulation resistance
≤ 100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 5000Vrms, 1min
contact to contact 1000Vrms, 1min
General Data
Operating time (typical)
mS ≤ 20ms
Release time (typical)
mS ≤ 10ms
Electrical Life
ops ≥ 1 x 105
Mechanical life
ops ≥ 1 x 107
Dimensions
L x W x H 29 x 13 x 25.3mm
Weight
17g
Ambient temperature
storage -55 to 70°C
operating -55 to 70°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• miniature pcb power relay
• Up to 7A /28VDC rating DPDT
• industry standard style
• Cost effective
• RoHS Compliant
Ref: DM42 080217JHM
E325835


Numéro de pièce similaire - DM42-3022-35-5012

FabricantNo de pièceFiches techniqueDescription
logo
Sharma Electro Componen...
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
logo
American Electronic Com...
DM42 AEC-DM42 Datasheet
262Kb / 3P
   pcb power relay
logo
Murata Manufacturing Co...
DM4200 MURATA-DM4200 Datasheet
492Kb / 6P
   differential led dpm with data outputs
More results

Description similaire - DM42-3022-35-5012

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com