Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR30C-5070AZ Fiches technique(PDF) 10 Page - AIMTEC

No de pièce AMEPR30C-5070AZ
Description  up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30C-5070AZ Fiches technique(HTML) 10 Page - AIMTEC

Back Button AMEPR30C-5070AZ_15 Datasheet HTML 6Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 7Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 8Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 9Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 10Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 11Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 12Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 13Page - AIMTEC AMEPR30C-5070AZ_15 Datasheet HTML 14Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Series AMEPR30C-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
10 of 17
North America only
Efficiency Vs. Input Voltage & Output Current (Constant current load)
AMEPR30C-5070AZ
AMEPR30C-4864AZ


Numéro de pièce similaire - AMEPR30C-5070AZ_15

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
760Kb / 17P
   Over temperature protection
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Description similaire - AMEPR30C-5070AZ_15

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30-AZ AIMTEC-AMEPR30-AZ_13 Datasheet
884Kb / 14P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30-AZ AIMTEC-AMEOR30-AZ_16 Datasheet
762Kb / 15P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com