Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD73322L Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD73322L
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD73322L Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD73322L_17 Datasheet HTML 3Page - Analog Devices AD73322L_17 Datasheet HTML 4Page - Analog Devices AD73322L_17 Datasheet HTML 5Page - Analog Devices AD73322L_17 Datasheet HTML 6Page - Analog Devices AD73322L_17 Datasheet HTML 7Page - Analog Devices AD73322L_17 Datasheet HTML 8Page - Analog Devices AD73322L_17 Datasheet HTML 9Page - Analog Devices AD73322L_17 Datasheet HTML 10Page - Analog Devices AD73322L_17 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AD73322L
Rev. A | Page 6 of 48
A and Y Versions
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
0.0625
−0.25
dB
0.125
−0.6
dB
0.1875
−1.4
dB
0.25
−2.8
dB
0.3125
− 4.5
dB
0.375
−7.0
dB
0.4375
−9.5
dB
> 0.5
<−12.5
dB
LOGIC INPUTS
VINH, Input High Voltage
DVDD
− 0.8
DVDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
−10
+10
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUT
VOH, Output High Voltage
DVDD
− 0.4
DVDD
V
|IOUT| ≤100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT| ≤100 µA
Three-State Leakage Current
−10
+10
µA
POWER SUPPLIES
AVDD1, AVDD2
2.7
3.3
V
2.7
3.3
V
DVDD IDD9
See Table 2
1 Test conditions: input PGA set for 0 dB gain, output PGA set for 6 dB gain, no load on analog outputs (unless otherwise noted).
2 At input to sigma-delta modulator of ADC.
3 Guaranteed by design.
4 Overall group delay is affected by the sample rate and the external digital filtering.
5 The ADC’s input impedance is inversely proportional to DMCLK and is approximated by (3/3 × 1011)/DMCLK.
6 Between VOUTP1 and VOUTN1 or between VOUTP2 and VOUTN2.
7 At VOUT output.
8 Frequency responses of ADC and DAC measured with input at audio reference level (the input level that produces an output level of −10 dBm0), with 38 dB
preamplifier bypassed and input gain of 0 dB.
9 Test conditions: no load on digital inputs, analog inputs ac-coupled to ground, no load on analog outputs.
CURRENT SUMMARY
AVDD = DVDD = 3.3 V. These values are in mA and are typical values unless otherwise noted.
Table 2.
Conditions
Analog
Current
Digital
Current
Total
Current (Typ)
Total
Current (Max)
SE
MCLK ON
Comments
ADCs on only
3.4
6.3
9.7
12
1
YES
REFOUT disabled
DACs on only
8.8
6.5
15.3
20
1
YES
REFOUT disabled
ADCs and DACs on
11.6
7.0
18.6
23
1
YES
REFOUT disabled
ADCs and DACs and
Input amps on
13.8
7.0
20.8
26
1
YES
REFOUT disabled
ADCs and DACs and
AGT on
13.2
7.0
20.2
26
1
YES
REFOUT disabled
All sections on
17.2
7.0
24.2
31
1
YES
REFCAP on only
0.65
0
0.67
1.25
0
NO
REFOUT disabled
REFCAP and REFOUT
On only
2.56
0
2.57
4.5
0
NO
All sections off
0
1.25
1.25
1.8
0
YES
MCLK active levels equal
to 0 V and DVDD
All sections off
0 µA
12.5 µA
12.7 µA
40 µA
0
NO
Digital inputs static and
Equal to 0 V or DVDD


Numéro de pièce similaire - AD73322L_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
More results

Description similaire - AD73322L_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com