Moteur de recherche de fiches techniques de composants électroniques |
|
STK15C88-N45 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
STK15C88-N45 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 9 page STK15C88 August 1998 5-38 SRAM WRITE CYCLES #1 & #2 (Vcc = 5.0V ± 10%) Note i: If W is low when E goes low the outputs remain in the high impedance state. Note j: E or W must be ≥ V IH during address transitions. SRAM WRITE CYCLE #1: W CONTROLLEDj SRAM WRITE CYCLE #2: E CONTROLLEDj NO. SYMBOLS PARAMETER STK15C88-25 STK15C88-35 STK15C88-45 UNITS #1 #2 Alt. MIN MAX MIN MAX MIN MAX 12 tAVAV tAVAV tWC Write Cycle Time 25 35 45 ns 13 tWLWH tWLEH tWP Write Pulse Width 20 25 30 ns 14 tELWH tELEH tCW Chip Enable to End of Write 20 25 30 ns 15 tDVWH tDVEH tDW Data Set-up to End of Write 10 12 15 ns 16 tWHDX tEHDX tDH Data Hold After End of Write 0 0 0 ns 17 tAVWH tAVEH tAW Address Set-up to End of Write 20 25 30 ns 18 tAVWL tAVEL tAS Address Set-up to Start of Write 0 0 0 ns 19 tWHAX tEHAX tWR Address Hold After End of Write 0 0 0 ns 20 tWLQZ h, i tWZ Write Enable to Output Disable 10 13 15 ns 21 tWHQX tOW Output Active After End of Write 5 5 5 ns PREVIOUS DATA DATA OUT E ADDRESS 12 tAVAV W 16 tWHDX DATA IN 19 tWHAX 13 tWLWH 18 tAVWL 17 tAVWH DATA VALID 20 tWLQZ 15 tDVWH HIGH IMPEDENCE 21 tWHQX 14 tELWH DATA OUT E ADDRESS 12 tAVAV W 16 tEHDX DATA IN 13 tWLEH 19 tEHAX 18 tAVEL 17 tAVEH DATA VALID 15 tDVEH HIGH IMPEDENCE 14 tELEH |
Numéro de pièce similaire - STK15C88-N45 |
|
Description similaire - STK15C88-N45 |