Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1907 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE1907
Description  Integrated Circuit Negative 3 Terminal Voltage Regulator, -18V, 100mA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1907 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE1907 Datasheet HTML 1Page - NTE Electronics NTE1907 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (VI = –27V, IO = 40mA, CI = 0.33µF, CO = 0.1µF,
0
° ≤ TJ ≤ +125°C, Note 2 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Regulation
Regload TJ = +25°C, 1mA ≤ IO ≤ 100mA
170
mV
Quiescent Current
IB
TJ = +125°C
2
6
mA
Quiescent Current Change
∆IB
With line, –33V
≤ VI ≤ –21V
1.5
mA
With load, 1mA
≤ IO ≤ 40mA
0.1
mA
Output Noise Voltage
Vn
TJ = +25°C, f = 10Hz to 10kHz
150
µV
Ripple Rejection
RR
–33V
≤ VI ≤ –23V, f = 120Hz
33
48
dB
Dropout Voltage
VDO
TJ = +25°C, IO = 40mA
1.7
V
Note 2. To ensure constant junction temperature, low duty cycle pulse testing is used.
VOUT
GND
VIN
.135 (3.45) Min
Seating Plane
.021 (.445) Dia Max
.210
(5.33)
Max
.500
(12.7)
Min
.050 (1.27)
.165 (4.2) Max
.105 (2.67) Max
.100 (2.54)
.105 (2.67) Max
.205 (5.2) Max


Numéro de pièce similaire - NTE1907

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE190 NTE-NTE190 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage Amplifier
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
More results

Description similaire - NTE1907

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1906 NTE-NTE1906 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 18V, 100mA
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
logo
NTE Electronics
NTE1961 NTE-NTE1961 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com