Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS610992YFFT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS610992YFFT
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610992YFFT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS610992YFFT Datasheet HTML 5Page - Texas Instruments TPS610992YFFT Datasheet HTML 6Page - Texas Instruments TPS610992YFFT Datasheet HTML 7Page - Texas Instruments TPS610992YFFT Datasheet HTML 8Page - Texas Instruments TPS610992YFFT Datasheet HTML 9Page - Texas Instruments TPS610992YFFT Datasheet HTML 10Page - Texas Instruments TPS610992YFFT Datasheet HTML 11Page - Texas Instruments TPS610992YFFT Datasheet HTML 12Page - Texas Instruments TPS610992YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
D005
VIN = 3.7 V
Temperature (°C)
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
D006
VIN = 3.7 V
Temperature (°C)
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
D004
VIN = 3.7 V
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
10 µ
Output Current (A)
1 m
100 µ
600 m
10 m
100 m
Vin = 0.7 V
Vin = 1.5 V
Vin = 3.0 V
Vin = 3.6 V
Vin = 4.2 V
D003a
IOUT (mA)
0.005
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
D004
VOUT = 3.0 V
VOUT = 3.6 V
VOUT = 4.5 V
VOUT = 5.0 V
Output Current (mA)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
D015
VIN = 0.7 V
VIN = 1.5 V
VIN = 2.7 V
VIN = 3.3 V
9
TPS61099
www.ti.com
SLVSD88I – JULY 2016 – REVISED SEPTEMBER 2017
Product Folder Links: TPS61099
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
TPS610992, VIN= 0.7 V, 1.5 V, 2.7 V, 3.3 V
Figure 7. TPS610992 Load Efficiency with Different Inputs
TPS61099, VIN = 2.4 V, VOUT = 3.0 V, 3.6 V, 4.5 V, 5.0 V
Figure 8. Load Efficiency with Different Outputs
TPS61099, VIN = 0.7 V, 1.5 V, 3.0 V, 3.6 V, 4.2 V, VOUT = 5.0 V
Figure 9. Load Regulation
VIN = 3.7 V
No Switching
Figure 10. Quiescent Current into VOUT vs Temperature
VIN = 3.7 V
No Switching
Figure 11. Quiescent Current into VIN vs Temperature
VIN = 3.7 V, Into VIN and SW
Figure 12. Shutdown Current vs Temperature


Numéro de pièce similaire - TPS610992YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS610992YFFT TI1-TPS610992YFFT Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610992YFFT TI-TPS610992YFFT Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Description similaire - TPS610992YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com