Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS389033QDSERQ1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS389033QDSERQ1
Description  Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS389033QDSERQ1 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS389033QDSERQ1 Datasheet HTML 1Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 2Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 3Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 4Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 5Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 6Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 7Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 8Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TPS3890-Q1
SBVS303A – MARCH 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TPS3890-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
VDD
–0.3
7
V
SENSE
–0.3
7
RESET
–0.3
7
MR
–0.3
7
VCT
–0.3
7
Current
RESET
–20
20
mA
Temperature
Operating junction, TJ
–40
125
°C
Operating ambient, TA
–40
125
Storage, Tstg
–65
150
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Power-supply voltage
1.5
5.5
V
VSENSE
SENSE voltage
0
5.5
V
VRESET
RESET pin voltage
0
5.5
V
IRESET
RESET pin current
–5
5
mA
CIN
Input capacitor, VDD pin
0
0.1
µF
CCT
Reset timeout capacitor, CT pin
0
26
µF
RPU
Pullup resistor, RESET pin
1
1000
TJ
Junction temperature (free-air temperature)
–40
25
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS3890-Q1
UNIT
DSE (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
321.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
207.9
°C/W
RθJB
Junction-to-board thermal resistance
281.5
°C/W
ψJT
Junction-to-top characterization parameter
42.4
°C/W
ψJB
Junction-to-board characterization parameter
284.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
142.3
°C/W


Numéro de pièce similaire - TPS389033QDSERQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS389033QDSERQ1 TI1-TPS389033QDSERQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS389033QDSERQ1 TI1-TPS389033QDSERQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Description similaire - TPS389033QDSERQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3890 TI1-TPS3890_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3818 TI-TPS3818 Datasheet
633Kb / 16P
[Old version datasheet]   Low Quiescent Current, Accurate Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com