Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3050N Fiches technique(PDF) 3 Page - Allegro MicroSystems

No de pièce SI-3050N
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3050N Fiches technique(HTML) 3 Page - Allegro MicroSystems

  SI-3050N Datasheet HTML 1Page - Allegro MicroSystems SI-3050N Datasheet HTML 2Page - Allegro MicroSystems SI-3050N Datasheet HTML 3Page - Allegro MicroSystems SI-3050N Datasheet HTML 4Page - Allegro MicroSystems SI-3050N Datasheet HTML 5Page - Allegro MicroSystems SI-3050N Datasheet HTML 6Page - Allegro MicroSystems SI-3050N Datasheet HTML 7Page - Allegro MicroSystems SI-3050N Datasheet HTML 8Page - Allegro MicroSystems SI-3050N Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VI = VS = 3.3 V, VE = 2.0 V (unless otherwise
noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
I
O = 500 mA
1.764
1.800
1.836
V
V
OQ
V
E = 0 V, Output Off
0.5
V
Output Volt. Temp. Coeff.
a
VO
I
O = 5 mA, 0°C ≤ TJ ≤ 100°C—
±0.3
mV/
°C
Overcurrent Limit
I
OM
V
O = 95% of VO at IO = 500 mA
1.2
1.5
A
Line Regulation
∆V
O(
∆VI)
3.1 V
≤ V
I = VS ≤ 3.5 V, IO = 300 mA
2.0
10
mV
Load Regulation
∆V
O(
∆IO)
0
≤ I
O ≤ 1 A
10
20
mV
Dropout Voltage
V
Imin - VO
I
O ≤ 1 A
0.55
1.2
V
Ground Terminal Current
I
GND
I
O = 0 mA
1.7
2.5
mA
I
Q
V
E = 0 V, IO = 0 mA
1.0
µA
Rejection Ratio
PSRR
100 Hz
≤ f ≤ 120 Hz
60
dB
ENABLE Input Voltage
V
EH
Output On
2.0
V
V
EL
Output Off
0.8
V
ENABLE Input Current
I
EH
V
E = 2 V, Output On
30
80
µA
I
EL
V
E = 0 V, Output Off
0
-5.0
µA
Thermal Protection Temp.
T
J
135
150
°C
Thermal Resistance
RθJL
To terminals 7 and 8
36
°C/W
Typical values are at T
A = +25°C and are given for circuit design information only.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn