Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3050N Fiches technique(PDF) 7 Page - Allegro MicroSystems

No de pièce SI-3050N
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3050N Fiches technique(HTML) 7 Page - Allegro MicroSystems

Back Button SI-3050N Datasheet HTML 2Page - Allegro MicroSystems SI-3050N Datasheet HTML 3Page - Allegro MicroSystems SI-3050N Datasheet HTML 4Page - Allegro MicroSystems SI-3050N Datasheet HTML 5Page - Allegro MicroSystems SI-3050N Datasheet HTML 6Page - Allegro MicroSystems SI-3050N Datasheet HTML 7Page - Allegro MicroSystems SI-3050N Datasheet HTML 8Page - Allegro MicroSystems SI-3050N Datasheet HTML 9Page - Allegro MicroSystems SI-3050N Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
7
NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative.
3. Leads 7 and 8 are internally connected together and provide heat sinking of the pass transistor.
0
° TO 10°
5.1
±0.4
6.2
±0.3
0.5
±0.1
Dwg. MK-006-8 mm
1.27
BSC
0.25
0.10
8
1
4.4
±0.2
0.4
±0.1
1.55
±0.15
0.10 MAX.
5
76
Dimensions in Millimeters
(controlling dimensions)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn