Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3050N Datasheet(Fiches technique) 5 Page - Allegro MicroSystems

Numéro de pièce SI-3050N
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3050N Datasheet(HTML) 5 Page - Allegro MicroSystems

  SI-3050N Datenblatt HTML 1Page - Allegro MicroSystems SI-3050N Datenblatt HTML 2Page - Allegro MicroSystems SI-3050N Datenblatt HTML 3Page - Allegro MicroSystems SI-3050N Datenblatt HTML 4Page - Allegro MicroSystems SI-3050N Datasheet HTML 5Page - Allegro MicroSystems SI-3050N Datenblatt HTML 6Page - Allegro MicroSystems SI-3050N Datenblatt HTML 7Page - Allegro MicroSystems SI-3050N Datenblatt HTML 8Page - Allegro MicroSystems SI-3050N Datenblatt HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
5
TYPICAL CHARACTERISTICS at T
A = 25°C (cont’d)
1.78
1.76
1.74
1.80
1.82
1.84
4.0
8.0
INPUT VOLTAGE
0
Dwg. GK-029
12
6.0
10
2.0
1.86
IO = 1 A
IO = 0.5 A
IO = 0 A
0
5.0
10
15
4.0
8.0
INPUT VOLTAGE
0
Dwg. GK-030
12
6.0
10
2.0
20
IO = 1 A
IO = 0.5 A
IO = 0 A
20
10
0
30
40
50
1.0
2.0
ENABLE VOLTAGE in VOLTS
0
Dwg. GK-023
3.0
VI = VS = 3.3 V
IO = 5 mA
1.5
2.5
0.5
60
Line regulation
GND current
ENABLE input current


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn