Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI3018 Fiches technique(PDF) 2 Page - Allegro MicroSystems

No de pièce SI3018
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI3018 Fiches technique(HTML) 2 Page - Allegro MicroSystems

  SI3018 Datasheet HTML 1Page - Allegro MicroSystems SI3018 Datasheet HTML 2Page - Allegro MicroSystems SI3018 Datasheet HTML 3Page - Allegro MicroSystems SI3018 Datasheet HTML 4Page - Allegro MicroSystems SI3018 Datasheet HTML 5Page - Allegro MicroSystems SI3018 Datasheet HTML 6Page - Allegro MicroSystems SI3018 Datasheet HTML 7Page - Allegro MicroSystems SI3018 Datasheet HTML 8Page - Allegro MicroSystems SI3018 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
TM
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2001 Allegro MicroSystems, Inc.
1.5
1.0
0.5
20
60
100
40
0
AMBIENT TEMPERATURE in
°°°°C
Dwg. GK-010-1
80
120
0
56.5 mm x 56.5 mm
COPPER AREA ON
GLASS-EPOXY BOARD
140
28 mm x 28 mm
COPPER AREA ON
GLASS-EPOXY BOARD
40 mm x 40 mm
COPPER AREA ON
GLASS-EPOXY BOARD
20 mm x 20 mm
COPPER AREA ON
GLASS-EPOXY BOARD
Leads 7 and 8 are soldered to
the copper area and provide
heat sinking of the pass transis-
tor.
RECOMMENDED OPERATING CONDITIONS
Max. Input Voltage, VI ................................................ 3.5 V
Output Current, IO .......................................... 0 A to 1.0 A
Output Junction Temperature Range, TJ -20 °C to +125°C
Ambient Temperature Range, TA .............. -30°C to +85°C
INPUT
1
SUPPLY
3
OUTPUT
OUTPUT
8
7
6
Dwg. FK-019
GROUND
GROUND
5
4
2
ENABLE
INTERNAL
CONNECTION
SUB
+


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn