Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI3018 Fiches technique(PDF) 6 Page - Allegro MicroSystems

No de pièce SI3018
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI3018 Fiches technique(HTML) 6 Page - Allegro MicroSystems

Back Button SI3018 Datasheet HTML 2Page - Allegro MicroSystems SI3018 Datasheet HTML 3Page - Allegro MicroSystems SI3018 Datasheet HTML 4Page - Allegro MicroSystems SI3018 Datasheet HTML 5Page - Allegro MicroSystems SI3018 Datasheet HTML 6Page - Allegro MicroSystems SI3018 Datasheet HTML 7Page - Allegro MicroSystems SI3018 Datasheet HTML 8Page - Allegro MicroSystems SI3018 Datasheet HTML 9Page - Allegro MicroSystems SI3018 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
TM
6
APPLICATIONS INFORMATION
Thermal protection and heat sinking. Thermal protection
circuitry turns off the device should the junction temperature rise
above 135
°C. This is intended only to protect the device from
failures due to excessive junction temperatures and should not
imply that high-temperature operation is permitted. Ambient
temperature is affected by air circulation and proximity to other
heat-producing components. Normal operation is resumed when
the junction temperature is reduced. Output terminals 7 and 8
are the lead frame and substrate of the pass transistor and
provide a low thermal-resistance path for heat sinking.
In general, the maximum ambient temperature has the most
effect on determining the heat sinking that is needed to maintain
a safe normal operating junction temperature. The maximum
heat sinking thermal resistance (Rθ
JA) can be calculated as
Rθ
JA = (135 – TA) / IO (VI – 1.8)
where T
A is the maximum ambient temperature in °C,
I
O is the maximum output (load) current in amperes, and
V
I is the maximum input voltage in volts.
The following graph gives the required copper foil area
(soldered to leads 7 and 8) to provide the required thermal
resistance. Note that more is always better and both sides of the
printed wiring board can be used.
ENABLE input. The ENABLE input includes an internal pull-
100
200
300
500
JUNCTION-TO-AMBIENT THERMAL RESISTANCE in
°°°°C/W
90
Dwg. GK-031
130
110
120
100
1000
2000
GLASS-EPOXY
PRINTED WIRING BOARD
down resistor. If this terminal is not connected (open-circuit
fault), the device output is turned off.
Overcurrent protection. The SI-3018LSA includes an
overcurrent protection circuit, which limits the output current at
start up. It thus cannot be used with
1) a constant-current load,
2) a power supply with positive and negative to a common load
(center-tap type power supply),
3) a series power supply, or
4) a diode or resistor in series with the device ground to raise
the output voltage.
Input voltage. Including ripple voltage and transients, the
minimum input voltage should be greater than the sum of the
output voltage and the maximum rated dropout voltage; the
maximum input voltage must be less than the absolute maximum
rated input voltage (16 V).
In most applications, the input voltage (terminal 1, V
I) and
the supply voltage (terminal 3, V
S) are connected together.
Output capacitor. A 22
µF tantalum electrolytic capacitor is
recommended between the output and ground. Very-low ESR
capacitors should not be used.
Input capacitor. A 0.1
µF to 10 µF tantalum capacitor is
recommended between the input and ground to prevent oscilla-
tion.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn