Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1904 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE1904
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1904 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE1904 Datasheet HTML 1Page - NTE Electronics NTE1904 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TJ = +25°C, Ci = 0.1µF, Co = 2.2µF, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage Rejection
SVR
IO = 5mA, Vi = 5.3V ±1V f = 120Hz
80
dB
f = 1kHz
75
dB
f = 10kHz
60
dB
Output Noise Voltage
eN
B = 10Hz to 100kHz
50
µV
Dropout Voltage
Vd
IO = 200mA
0.2
0.35
V
IO = 500mA
0.4
0.7
V
Control Input Logic, Low
Vil
–40
° < TA < +125°C
0.8
V
Control Input Logic, High
Vih
2
V
Control Input Current
Ii
Vi = 6V, Vc = 6V
10
µA
Output Bypass Capacitance
CO
ESR = 0.1
Ω to 10Ω, IO = 0 to 500mA
2
10
µF
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
GND
.100 (2.54)
VIN
GND
VOUT
.070 (1.78) Max
.110 (2.79)


Numéro de pièce similaire - NTE1904

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE190 NTE-NTE190 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage Amplifier
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
More results

Description similaire - NTE1904

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
NTE1952 NTE-NTE1952 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 8V, 1A
NTE1953 NTE-NTE1953 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE1932 NTE-NTE1932 Datasheet
23Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 10V, 1A
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
   Integrated Circuit Positive, 3-Terminal Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com