Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1043HGDMTTQ1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1043HGDMTTQ1
Description  Fault Protected CAN Transceiver with CAN FD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1043HGDMTTQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  TCAN1043HGDMTTQ1 Datasheet HTML 1Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 2Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 3Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 4Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 5Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 6Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 7Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 8Page - Texas Instruments TCAN1043HGDMTTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
GND
VCC
VCC
VIO
VSUP
WAKE
CONTROL and MODE
LOGIC
WUP
Detect
Sleep Receiver
Normal Receiver
VCC
MUX
VIO
VSUP
VSUP
RXD
TXD
nSTB
nFAULT
EN
INH
WAKE
NC
3
5
10
11
1
7
9
8
6
14
13
12
4
2
UNDER
VOLTAGE
OVER
TEMP
RECEIVE
DOMINANT
TIME OUT
TRANSMIT
DOMINANT
TIME OUT
LDO
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TCAN1043-Q1, TCAN1043H-Q1, TCAN1043HG-Q1, TCAN1043G-Q1
SLLSEV0 – OCTOBER 2017
TCAN1043x-Q1 Fault Protected CAN Transceiver with CAN FD
1
1 Features
1
AEC Q100: Qualified for Automotive Applications
Meets the Requirements of the ISO11898-2
(2016)
All Devices Support Classic CAN and 2 Mbps
CAN FD (Flexible Data Rate) and "G" Options
Support 5 Mbps
Short and Symmetrical Propagation Delay
Times and Fast Loop Times for Enhanced
Timing Margin
Higher Data Rates in Loaded CAN Networks
VIO Level Shifting Supports 2.8 V to 5.5 V
Operating Modes
Normal Mode
Low Power Sleep Mode with INH Output and
Local and Remote Wake up Request
Ideal Passive Behavior When Unpowered
Bus and Logic Terminals are High Impedance
(No Load to Operating Bus or Application)
Power Up or Down Glitch Free Operation
Excellent EMC Performance
IEC 62228 – 2007 Compliant
SAE J2962-2 Compliant
Protection Features
ESD Protection of Bus Terminals
HBM ESD Protection: ±10 kV
IEC ESD Protection up to ±8 kV
Bus Fault Protection: ±58 V (non-H variants)
and ±70 V (H variants)
Undervoltage Protection on Supply Terminals
TXD Dominant Time Out (DTO)
Thermal Shutdown Protection
Receiver Common Mode Input Voltage: ±30 V
Typical Loop Delay: 110 ns
Junction Temperatures from –55°C to 150°C
Available in SOIC (14) Package and Leadless
VSON (14) package (4.5 mm x 3.0 mm) with
Improved Automated Optical Inspection (AOI)
Capability
2 Applications
12 V and 24 V System Applications
Automotive and Transportation
Body Control Module & Gateway
Head Unit
Radar
Telematics
Cluster
HMI & Display
3 Description
The TCAN1043xx-Q1 meets the specifications of the
ISO11898–2 (2016) High Speed Controller Area
Network (CAN) Physical Layer standard. The device
is designed for use in CAN FD networks up to 2
megabit per second (Mbps). Devices with part
numbers that include the suffix “G” are designed for
data rates up to 5 Mbps. The device has a remote
wake request feature via the CAN bus pins and a
local wake request feature via the high voltage WAKE
terminal. Additionally, the device has the ability to
control the system power via the high voltage output
INH terminal. The device includes many protection
features
providing
device
and
CAN
network
robustness.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TCAN1043x-Q1
SOIC (14)
8.95 mm × 3.91 mm
VSON (14)
4.5 mm x 3.0 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Numéro de pièce similaire - TCAN1043HGDMTTQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
More results

Description similaire - TCAN1043HGDMTTQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com