Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1043DMTTQ1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1043DMTTQ1
Description  Fault Protected CAN Transceiver with CAN FD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1043DMTTQ1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TCAN1043DMTTQ1 Datasheet HTML 2Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 3Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 4Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 5Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 6Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 7Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 8Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 9Page - Texas Instruments TCAN1043DMTTQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TCAN1043-Q1, TCAN1043H-Q1, TCAN1043HG-Q1, TCAN1043G-Q1
SLLSEV0 – OCTOBER 2017
www.ti.com
Product Folder Links: TCAN1043-Q1 TCAN1043H-Q1 TCAN1043HG-Q1 TCAN1043G-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V. For dual supply devices VIO = 3.3 V. RL = 60 Ω.
7.7 Electrical Characteristics
Over recommended operating conditions with TA = –55°C to 150°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY CHARACTERISTICS
ISUP
Supply current
Normal, Silent, Go to
Sleep
Normal, Silent, Go to Sleep
40
70
µA
Standby Mode
Standby mode, VCC > 4.5 V, VIO > 2.8 V,
V(INH) = V(WAKE) = VSUP
15
45
Sleep Mode
Sleep mode, VCC = VIO = V(INH) = 0 V
V(WAKE) = VSUP
15
30
ICC
Supply Current Normal
Mode
Dominant
See Figure 8. TXD = 0 V, RL = 60 Ω, CL =
open. Typical Bus Load.
70
mA
See Figure 8. TXD = 0 V, RL = 50 Ω, CL =
open. High Bus Load.
80
Dominant with bus fault
See Figure 8. TXD = 0 V, CANH = -25 V, RL
= open, CL = open
180
Supply Current Normal
Mode
Recessive
See Figure 8. TXD = VIO, RL = 50 Ω, CL =
open, RCM = open
5
mA
Supply Current Silent and Go to Sleep Mode
See Figure 8. TXD = VIO, RL = 50 Ω, CL =
open
2.5
mA
Supply current Standby Mode
See Figure 8. EN = L, NSTB = L
5
µA
Sleep Mode
See Figure 8. EN = H or L, NSTB = L
5
IIO
I/O Supply Current
Normal Mode
RXD floating. TXD = 0 V (dominant) nSTB =
VIO, EN = VIO
450
µA
Normal, Silent or Go to
Sleep Mode
RXD floating. TXD = VIO recessive
5
Sleep Mode
NSTB = L
5
UVSUP
Undervoltage detection on VSUP for protected mode
3.0
4.2
V
VHYS(UVSUP)
Hysteresis voltage on UVSUP
50
mV
UVVCC
Rising undervoltage detection on VCC for protected mode
4.1
4.4
V
Falling undervoltage detection on VCC for protected mode
3.5
3.9
VHYS(UVVCC)
Hysteresis voltage on UVVCC
200
mV
UVVIO
Undervoltage detection on VIO for protected mode
1.3
2.75
V
VHYS(UVIO)
Hysteresis voltage on UVIO
80
mV
Driver Electrical Characteristics
VO(D)
Bus output voltage
(dominant) - normal
mode
CANH
See and Figure 20 and Figure 19. TXD = 0
V, Normal mode 50
≤ RL ≤ 65 Ω, CL = open,
RCM = open
2.75
4.5
V
CANL
0.5
2.25
VO(R)
Bus output voltage
(recessive)
CANH and CANL
See Figure 20 and Figure 19. TXD = VCC,
VIO = VCC, normal or silent , RL = open (no
load), RCM = open
2
0.5 × VCC
3
V
VOD(D)
Differential output
voltage (dominant)
CANH - CANL
See Figure 20 and Figure 19. TXD = 0 V,
Normal mode, 50
Ω ≤ RL ≤ 65 Ω, CL = open,
RCM = open
1.5
3
V
See Figure 20 and Figure 19. TXD = 0 V,
Normal mode, 45
Ω ≤ RL ≤ 50 Ω, CL =
open, RCM = open
1.4
3
See Figure 20 and Figure 19. TXD = 0 V,
Normal mode, RL = 2240 Ω, CL = open, RCM
= open
1.5
5
See Figure 20 and Figure 19. TXD = 0 V,
Normal mode, 45
Ω ≤ RL ≤ 70 Ω, CL = open,
RCM = open (optional)
1.4
3.3
VOD(R)
Differential output
voltage (recessive)
CANH - CANL
See Figure 20 and Figure 19. TXD = VCC,
normal or silent mode, RL = 60 Ω, CL =
open, RCM = open
–120
12
mV
See Figure 20 and Figure 19. TXD = VCC,
normal or silent mode, RL = open (no load),
CL = open, RCM = open
–50
50
VSYM
Output symmetry (dominant or recessive)
(VO(CANH) + VO(CANL))/VCC
See Figure 6 and Figure 29, normal mode,
RTERM/2 = 30Ω(split), Csplit = 4.7nF, CL =
open, RCM = open, TXD = 1MHz
0.9
1.1
V/V


Numéro de pièce similaire - TCAN1043DMTTQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
More results

Description similaire - TCAN1043DMTTQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com