Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1043-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1043-Q1
Description  Fault Protected CAN Transceiver with CAN FD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1043-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TCAN1043-Q1 Datasheet HTML 1Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 2Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 3Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1043-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
TCAN1043-Q1, TCAN1043H-Q1, TCAN1043HG-Q1, TCAN1043G-Q1
www.ti.com
SLLSEV0 – OCTOBER 2017
Product Folder Links: TCAN1043-Q1 TCAN1043H-Q1 TCAN1043HG-Q1 TCAN1043G-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VSUP
Battery supply (reverse blocked) voltage range
4.5
60
V
VCC
5V Supply Voltage
4.5
5.5
Supply voltage range – by char CAN functionality to support cold crank events
4
4.5
VIO
I/O supply voltage
2.8
5.5
IOH(lLOGIC)
Logic terminal HIGH level output current – RXD and nFAULT
–2
mA
IOL(LOGIC)
Logic terminal LOW level output current – RXD and nFAULT
2
IO(INH)
INH output current
1
C(VCC)
VCC supply capacitor
100
nF
C(VIO)
VIO supply capacitor
C(VSUP)
VSUP supply capacitor
TA
Operational free-air temperature (see Thermal Information) - standard version
–40
125
°C
Operational free-air temperature (see Thermal Information) - H version
–55
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Thermal Information
THERMAL METRIC(1)
TEST CONDITIONS
TCAN1043x-Q1
TCAN1043x-
Q1
UNIT
D (SOIC)
DMT (VSON)
14 Pins
14 Pins
RθJA
Junction-to-air thermal resistance
Low-K thermal resistance
°C/W
High-K thermal resistance
78
33.1
RθJB
Junction-to-board thermal resistance
34.7
10.8
RθJC(TOP)
Junction-to-case (top) thermal resistance
33.6
30.5
RθJC(BOT)
Junction-to-case (bottom) thermal resistance
1.3
ΨJT
Junction-to-top characterization parameter
5.7
0.4
ΨJB
Junction-to-board characterization parameter
34.3
10.7
7.6 Dissipation Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Average power dissipation
VCC = 5 V, VIO = 5 V, TJ = 27°C, RL = 60 Ω, S at 0 V,
Input to TXD at 500 kHz, 50% duty cycle square wave,
CL_RXD = 15 pF.
TBD
mW
VCC = 5.5 V, VIO = 5 V, TJ = 150°C, RL = 60 Ω, S at 0
V, Input to TXD at 500 kHz, 50% duty cycle square wave,
CL_RXD = 15 pF.
TBD
TTSD
Thermal shutdown temperature
170
°C
TTSD_HYS
Thermal shutdown hysteresis
10
°C


Numéro de pièce similaire - TCAN1043-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
More results

Description similaire - TCAN1043-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com