Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G240YZPR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G240YZPR
Description  Low-Power Single Inverter With 3-State Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G240YZPR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G240YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 10Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 11Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 12Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 13Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
SN74AUP1G240
SCES627D – MARCH 2005 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: SN74AUP1G240
Submit Documentation Feedback
Copyright © 2005–2017, Texas Instruments Incorporated
6.9 Switching Characteristics: CL = 30 pF
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 2 and Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC= 0.8 V
TA = 25°C
29
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
8.9
12.6
16.1
TA = –40°C to +85°C
7.3
25.7
VCC = 1.5 V ± 0.1 V
TA = 25°C
6.8
9.2
11
TA = –40°C to +85°C
5.5
17.1
VCC = 1.8 V ± 0.15 V
TA = 25°C
5.5
7.6
9.2
TA = –40°C to +85°C
4.5
13.8
VCC = 2.5 V ± 0.2 V
TA = 25°C
4.2
5.7
6.8
TA = –40°C to +85°C
3.5
9.7
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.5
4.7
5.7
TA = –40°C to +85°C
2.3
7.8
ten
OE
Y
VCC = 0.8 V
TA = 25°C
30.9
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
8.2
12.6
18.5
TA = –40°C to +85°C
6.8
27.4
VCC = 1.5 V ± 0.1 V
TA = 25°C
6.6
8.8
11.8
TA = –40°C to +85°C
5.6
18
VCC = 1.8 V ± 0.15 V
TA = 25°C
5.5
7.1
9.1
TA = –40°C to +85°C
4.7
14.2
VCC = 2.5 V ± 0.2 V
TA = 25°C
4.4
5.3
6.2
TA = –40°C to +85°C
4.8
14.8
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.9
4.5
5.1
TA = –40°C to +85°C
3.8
10.2
tdis
OE
Y
VCC = 0.8 V
TA = 25°C
14
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
5
6.2
7.4
TA = –40°C to +85°C
3.1
8.2
VCC = 1.5 V ± 0.1 V
TA = 25°C
4.2
5.7
7.7
TA = –40°C to +85°C
3.9
10.8
VCC = 1.8 V ± 0.15 V
TA = 25°C
5.1
7.2
9
TA = –40°C to +85°C
4.9
11.7
VCC = 2.5 V ± 0.2 V
TA = 25°C
4.3
5.3
5.9
TA = –40°C to +85°C
4.1
9.1
VCC = 3.3 V ± 0.3 V
TA = 25°C
7.4
8.3
9.4
TA = –40°C to +85°C
4.3
11.6


Numéro de pièce similaire - SN74AUP1G240YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G240YZPR TI-SN74AUP1G240YZPR Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240YZPR TI-SN74AUP1G240YZPR Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240YZPR TI1-SN74AUP1G240YZPR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
More results

Description similaire - SN74AUP1G240YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G240 TI1-SN74AUP1G240_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
HD74AC366 RENESAS-HD74AC366 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
   Hex Inverter Buffer with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
   Hex Inverter Buffer with 3-State Output
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com