Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G240 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G240
Description  Low-Power Single Inverter With 3-State Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G240 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AUP1G240 Datasheet HTML 1Page - Texas Instruments SN74AUP1G240 Datasheet HTML 2Page - Texas Instruments SN74AUP1G240 Datasheet HTML 3Page - Texas Instruments SN74AUP1G240 Datasheet HTML 4Page - Texas Instruments SN74AUP1G240 Datasheet HTML 5Page - Texas Instruments SN74AUP1G240 Datasheet HTML 6Page - Texas Instruments SN74AUP1G240 Datasheet HTML 7Page - Texas Instruments SN74AUP1G240 Datasheet HTML 8Page - Texas Instruments SN74AUP1G240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
A
Y
OE
1
2
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
SN74AUP1G240
SCES627D – MARCH 2005 – REVISED OCTOBER 2017
SN74AUP1G240 Low-Power Single Inverter With 3-State Output
1
1 Features
1
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Available in the Texas Instruments NanoStar™
Package
Low Static-Power Consumption
ICC = 0.9 µA Maximum
Low Dynamic-Power Consumption
Cpd = 4.2 pF at 3.3 V Typical
Low Input Capacitance
CI = 1.5 pF Typical
Low Noise – Overshoot and Undershoot
<10% of VCC
Input-Disable Feature Allows Floating Input
Conditions
Ioff Supports Partial Power-Down-Mode Operation
Input Hysteresis Allows Slow Input Transition and
Better Switching Noise Immunity at the Input
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
tpd = 4.7 ns Maximum at 3.3 V
Suitable for Point-to-Point Applications
2 Applications
Grid infrastructure
Telecom Infrastructure
Medical, Healthcare, and Fitness
Factory Automation and Control
Printers and Other Peripherals
3 Description
The AUP family is TI's premier solution to the
industry's
low
power
needs
in
battery-powered
portable applications. This family assures a very low
static and dynamic power consumption across the
entire VCC range of 0.8 V to 3.6 V, resulting in an
increased battery life. This product also maintains
excellent signal integrity (see AUP – The Lowest-
Power Family ).
This buffer/driver is a single line driver with a 3-state
output. The output is disabled when the output-
enable (OE) input is high. This device has the input-
disable feature, which allows floating input signals.
To assure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
NanoStar™
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP1G240DBV
SOT-23 (5)
1.60 mm × 2.90 mm
SN74AUP1G240DCK
SC70 (5)
1.25 mm × 2.00 mm
SN74AUP1G240DRY
SON (6)
1.00 mm × 1.45 mm
SN74AUP1G240DSF
SON (6)
1.00 mm × 1.00 mm
SN74AUP1G240YFP
DSBGA (6)
0.76 mm × 1.16 mm
SN74AUP1G240YZP
DSBGA (5)
0.89 mm × 1.39 mm
SN74AUP1G240DPW(2) X2SON (5)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Package preview only
Logic Diagram (Positive Logic)


Numéro de pièce similaire - SN74AUP1G240

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI1-SN74AUP1G240 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DBV TI1-SN74AUP1G240DBV Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DBVR TI-SN74AUP1G240DBVR Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

Description similaire - SN74AUP1G240

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G240 TI1-SN74AUP1G240_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
HD74AC366 RENESAS-HD74AC366 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
   Hex Inverter Buffer with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
   Hex Inverter Buffer with 3-State Output
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com