Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2J Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce ES2J
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

ES2J Fiches technique(HTML) 1 Page - Suntan Capacitors

  ES2J Datasheet HTML 1Page - Suntan Capacitors ES2J Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
ES2A THRU ES2J
SURFACE MOUNT SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 600Volts
CURRENT 2.0 Ampere
F E A T U R E S
◆Plastic package has Underwrites Laboratory
◆Flammability Classification 94V-0
◆Glass passivated chip junction
◆Built-in strain relief
◆Super Fast switching speed for high efficiency
◆High temperature soldering guaranteed: 250℃/10 seconds
Mechanical Data
◆Case: JEDED DO-214AA transfer molded plastic
◆Terminals: Solder plated, Solderable per MIL-STD-750
◆Method 2026
◆Polarity: Color band denotes cathode end
◆Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOLS
ES2A
ES2B
ES2C
ES2D
ES2E
ES2G
ES2J
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current at TL =100
I(AV)
2.0
Amps
Peak Forward Surge Current 8.3ms single half sine wave
superimposed on rated load (JEDEC method)
IFSM
50
Amps
Maximum lnstantaneous Forward Voltage @ 2.0A
VF
0.95
1.25
1.7
Volts
Maximum DC Reverse Current at rated DC
Blocking voltage per element
TA=25
IR
5.0
μA
TA=125
200
Maximum Reverse Recovery Time Test conditions IF=0.5A,
IR=1.0A, IRR=0.25A
trr
35
nS
Typical Junstion Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
25
208
pF
Typical Thermal Resistance (Note 1)
RθJA
75
℃/W
RθJL
17
Operating Junction Temperature Range
TJ
-55 to +150
Storage Tempetature Rang
TSTG
-55 to +150
Note:
1. Thermal resistance from Junction to ambient and from junction to lead mounted on P.C.B.
With 0.3”×0.3”(8.0mm × 8.0mm) copper pad areas.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
DO-214AA (SMB)
Dimensions in inches and (millimeters)


Numéro de pièce similaire - ES2J

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
ES2J JGD-ES2J Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES2J SAMYANG-ES2J Datasheet
514Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
ES2J TSC-ES2J Datasheet
384Kb / 4P
   Surface Mount Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
ES2J CHONGQING-ES2J Datasheet
177Kb / 1P
   2.0AMPS. SUPER FAST SURFACE MOUNT RECTIFIER
logo
Gulf Semiconductor
ES2J GULFSEMI-ES2J Datasheet
162Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
More results

Description similaire - ES2J

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com