Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBF206H Fiches technique(PDF) 3 Page - GOOD-ARK Electronics

No de pièce SMBF206H
Description  Surface Mount Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBF206H Fiches technique(HTML) 3 Page - GOOD-ARK Electronics

  SMBF206H Datasheet HTML 1Page - GOOD-ARK Electronics SMBF206H Datasheet HTML 2Page - GOOD-ARK Electronics SMBF206H Datasheet HTML 3Page - GOOD-ARK Electronics SMBF206H Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMBF202H thru SMBF210H
Surface Mount Glass Passivated High Efficient Rectifiers
Reverse Voltage 50~1000V Forward Current 2.0A
Package Outline Dimensions
DIM
MIN
MAX
MIN
MIN
A
1.1
1.3
0.043
0.051
B
1.9
2.1
0.075
0.083
C
0.15
0.3
0.006
0.012
D
3.5
3.7
0.138
0.146
E
4.2
4.45
0.165
0.175
HE
5.1
5.5
0.201
0.217
L
0.75
1.2
0.030
0.047
Packing Information
Packing quantities:
Tape & Reel Specification
unit: mm
unit: inch
Soldering footprint
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
TBD
TBD
TBD
13"
5K
10K
90K
www.goodark.com
3/4
2016.08-Rev.A


Numéro de pièce similaire - SMBF206H

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
SMBF206F GOOD-ARK-SMBF206F Datasheet
392Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifiers
More results

Description similaire - SMBF206H

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
SGP3U GOOD-ARK-SGP3U Datasheet
373Kb / 4P
   Surface Mount Glass Passivated High Efficient Rectifiers
SGP4U GOOD-ARK-SGP4U Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
   1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com