Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G06DBVR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G06DBVR
Description  Low-Power Single Inverter With Open-Drain Outputs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DBVR Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AUP1G06DBVR Datasheet HTML 1Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
GND
Y
3
4
A
2
5
NC
6
1
NC
V
CC
A
NC
NC
6
5
4
2
3
GND
Y
V
CC
1
Y
VCC
A
NC
GND
1
2
B
A
Not to scale
GND
Y
A
VCC
3
2
4
5
1
NC
V
CC
Y
A
GND
5
1
V
CC
NC
2
A
3
4
GND
Y
2
A
3
4
GND
V
CC
5
NC
Y
1
3
SN74AUP1G06
www.ti.com
SCES590E – JULY 2004 – REVISED OCTOBER 2017
Product Folder Links: SN74AUP1G06
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
5 Pin Functions and Configurations
DBV Package
5-Pin SOT-23
Top View
See mechanical drawings for dimensions.
NC – No internal connection
DCK Package
5-Pin SC70
Top View
DRL Package
5-Pin SOT-5X3
Top View
YFP Package
4-Pin DSBGA
Bottom View
DRY Package
6-Pin SON
Top View
DSF Package
6-Pin SON
Top View
DPW Package(1)
5-Pin X2SON
Top View
(1)
Preview only
(1)
See mechanical drawings for dimensions
(2)
NC – No internal connection
Pin Functions
PIN(1)
I/O
DESCRIPTION
NAME
DBV, DCK,
DRL, DPW
DRY,
DSF
YFP
A
2
2
A1
I
Input
GND
3
3
B1
Ground
NC(2)
1
1, 5
Not connected
VCC
5
6
A2
Positive supply
Y
4
4
B2
O
Output


Numéro de pièce similaire - SN74AUP1G06DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G06DBVR TI-SN74AUP1G06DBVR Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVR TI-SN74AUP1G06DBVR Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVR TI1-SN74AUP1G06DBVR Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVR TI1-SN74AUP1G06DBVR Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DBVRE4 TI-SN74AUP1G06DBVRE4 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Description similaire - SN74AUP1G06DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_18 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com