Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPT8241 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce OPT8241
Description  3D Time-of-Flight Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8241 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button OPT8241 Datasheet HTML 2Page - Texas Instruments OPT8241 Datasheet HTML 3Page - Texas Instruments OPT8241 Datasheet HTML 4Page - Texas Instruments OPT8241 Datasheet HTML 5Page - Texas Instruments OPT8241 Datasheet HTML 6Page - Texas Instruments OPT8241 Datasheet HTML 7Page - Texas Instruments OPT8241 Datasheet HTML 8Page - Texas Instruments OPT8241 Datasheet HTML 9Page - Texas Instruments OPT8241 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
OPT8241
SBAS704B – JUNE 2015 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IOVDD
Digital I/O supply
–0.3
4.0
V
AVDDH
Analog supply
–0.3
4.0
V
DVDDH
Digital I/O supply
–0.3
4.0
V
PVDD
Pixel supply
–0.3
4.0
V
AVDD
Analog supply
–0.3
2.2
V
VMIXH
Mix supply
–0.3
2.5
V
DVDD
Digital supply
–0.3
2.2
V
AVDD_PLL
PLL supply
–0.3
2.2
V
VI
Input voltage at input pins
–0.3
VCC + 0.3(2)
V
TJ
Operating junction temperature
0
125
°C
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VCC refers to the I/O bank voltage.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IOVDD
Digital I/O supply
1.7
1.8 to 3.3
3.6
V
AVDDH
Analog supply
3.0
3.3
3.6
V
DVDDH
Digital I/O supply
3.0
3.3
3.6
V
PVDD
Pixel supply
3.0
3.3
3.6
V
AVDD
Analog supply
1.7
1.8
1.9
V
VMIXH
Mix supply
1.4
1.5
2.0
V
DVDD
Digital supply
1.7
1.8
1.9
V
AVDD_PLL
PLL supply
1.7
1.8
1.9
V
TA
Operating ambient temperature
0
70
°C
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT8241


Numéro de pièce similaire - OPT8241

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241NBN TI1-OPT8241NBN Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
More results

Description similaire - OPT8241

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com