Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB12LV01B Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSB12LV01B
Description  IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV01B Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TSB12LV01B Datasheet HTML 5Page - Texas Instruments TSB12LV01B Datasheet HTML 6Page - Texas Instruments TSB12LV01B Datasheet HTML 7Page - Texas Instruments TSB12LV01B Datasheet HTML 8Page - Texas Instruments TSB12LV01B Datasheet HTML 9Page - Texas Instruments TSB12LV01B Datasheet HTML 10Page - Texas Instruments TSB12LV01B Datasheet HTML 11Page - Texas Instruments TSB12LV01B Datasheet HTML 12Page - Texas Instruments TSB12LV01B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
1–2
The following are features of the TSB12LV01B.
1.1.1
Link Core
Supports Provision of IEEE 1394-1995 (1394) Standard for High-Performance Serial Bus
Transmits and Receives Correctly Formatted 1394 Packets
Supports Asynchronous and Isochronous Data Transfers
Performs Function of 1394 Cycle Master
Generates and Checks 32-Bit CRC
Detects Lost Cycle-Start Messages
Contains Asynchronous, Isochronous, and General-Receive FIFOs Totaling 2K Bytes
1.1.2
Physical-Link Interface
Compatible With Texas Instruments Physical Layer Devices (PHYs)
Supports Transfer Speeds of 100, 200, and 400 Mbits/s
Timing Compliant with IEEE 1394a–2000
1.1.3
Host Bus Interface
Provides Chip Control With Directly Addressable Registers
Is Interrupt Driven to Minimize Host Polling
Has a Generic 32-Bit Host Bus Interface
1.1.4
General
Operates From a 3.3-V Power Supply While Maintaining 5-V Tolerant Inputs
Manufactured With Low-Power CMOS Technology
100-Pin PZT Package for 0
°C to 70°C and -40°C to 85°C (I Temperature) Operation


Numéro de pièce similaire - TSB12LV01B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB12LV01B TI1-TSB12LV01B Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BIPZT TI1-TSB12LV01BIPZT Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BIPZTEP TI1-TSB12LV01BIPZTEP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BPZT TI1-TSB12LV01BPZT Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
More results

Description similaire - TSB12LV01B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV32 TI-TSB12LV32 Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32-EP TI1-TSB12LV32-EP Datasheet
1Mb / 105P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12C01A TI-TSB12C01A Datasheet
275Kb / 59P
[Old version datasheet]   High-Speed Serial-Bus Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com