Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM74700-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM74700-Q1
Description  Low IQ Always ON Smart Diode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM74700-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  LM74700-Q1 Datasheet HTML 1Page - Texas Instruments LM74700-Q1 Datasheet HTML 2Page - Texas Instruments LM74700-Q1 Datasheet HTML 3Page - Texas Instruments LM74700-Q1 Datasheet HTML 4Page - Texas Instruments LM74700-Q1 Datasheet HTML 5Page - Texas Instruments LM74700-Q1 Datasheet HTML 6Page - Texas Instruments LM74700-Q1 Datasheet HTML 7Page - Texas Instruments LM74700-Q1 Datasheet HTML 8Page - Texas Instruments LM74700-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM74700
GATE
CATHODE
EN
ANODE
VCAP
GND
VBAT
TVS
Voltage
Regulator
Copyright © 2017, Texas Instruments Incorporated
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LM74700-Q1
SNOSD17 – OCTOBER 2017
LM74700-Q1 Low IQ Always ON Smart Diode Controller
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results
Device Temperature Grade 1:
–40°C to +125°C Ambient Operating
Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
3 V to 65 V Input Range
–65 V Reverse Voltage Rating
Charge Pump for External N-Channel MOSFET
20 mV ANODE to CATHODE Forward Voltage
Drop Regulation
Enable Pin Feature
3 µA Shutdown Current (EN=Low)
30 µA Operating Quiescent Current (EN=High)
1.5-A Peak Gate Turnoff Current
Fast Response to Reverse Current Blocking:
< 2 µs
Meets Automotive ISO7637 Transient
Requirements with a Suitable TVS Diode
–40°C to +150°C Operating Junction Temperature
6-Pin SOT 23-6 Package (3-mm x 3-mm)
2 Applications
Automotive Battery Regulation
Industrial Power Supplies
Telecom and Datacom Systems
Battery Powered System
Active ORing for Redundant Power
Full-Bridge Rectifier
3 Description
The LM74700-Q1 is a smart diode controller operates
in conjunction with an external N-channel MOSFET
as an ideal diode rectifier for low loss reverse polarity
protection. The wide supply input range of 3 to 65 V
allows control of many popular DC bus voltages. The
device can withstand and protect the loads from
negative supply voltages down to –65 V. With a low
RDS(ON) external N-channel MOSFET, a very low
forward
voltage
drop
can
be
achieved
while
minimizing the amount of power dissipated in the
MOSFET. For low load currents, the forward voltage
is regulated to 20-mV to enable graceful shutdown of
the MOSFET. External MOSFETs with 5 V or lower
threshold voltage are recommended. With the enable
pin low, the controller is off and draws approximately
3-µA of current.
The LM74700-Q1 controller provides a charge pump
gate drive for an external N-channel MOSFET. The
high voltage rating of LM74700-Q1 helps to simplify
the
system
designs
for
automotive
ISO7637
protection.
Fast
response
to
Reverse
Current
Blocking makes the device suitable for systems with
output voltage holdup requirements during ISO7637
pulse testing as well as power fail and brownout
conditions. The LM74700-Q1 is also suitable for
ORing applications or AC rectification.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM74700-Q1
SOT 23-6
2.9 mm x 1.6 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Numéro de pièce similaire - LM74700-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74700-Q1 TI-LM74700-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
More results

Description similaire - LM74700-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
Knowles Electronics
IA611 KNOWLES-IA611 Datasheet
280Kb / 2P
   IA610 SMARTMIC ALWAYS-ON VOICEW
logo
Linear Technology
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com