Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN4174IS5X_NL Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FAN4174IS5X_NL
Description  Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174IS5X_NL Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN4174IS5X_NL Datasheet HTML 5Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 6Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 9Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 10Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 11Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 12Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FAN4174/FAN4274 Rev. 2D
9
www.fairchildsemi.com
Application Information
General Description
The FAN4174 amplifier family are single supply, general pur-
pose, voltage-feedback amplifiers. Fabricated on a bi-CMOS
process. The family features a rail-to-rail input and output and is
unity gain stable.
The typical non-inverting circuit schematic is shown in Figure 1.
Figure 1. Typical Non-inverting Configuration
Input Common Mode Voltage
The common mode input range extends to 300mV below
ground and to 100mV above Vs, in single supply operation.
Exceeding these values will not cause phase reversal. However,
if the input voltage exceeds the rails by more than 0.5V, the
input ESD devices will begin to conduct. The output will stay at
the rail during this overdrive condition. If the absolute maximum
input voltage (700mV beyond either rail) is exceeded, externally
limit the input current to ±5mA as shown in Figure 2.
Figure 2. Circuit for Input Current Protection
Power Dissipation
The maximum internal power dissipation allowed is directly
related to the maximum junction temperature. If the maximum
junction temperature exceeds 150°C, some performance
degradation will occur.
If the maximum junction temperature
exceeds 150°C for an extended time, device failure may occur.
Overdrive Recovery
Overdrive of an amplifier occurs when the output and/or input
ranges are exceeded.
The recovery time varies based on
whether the input or output is overdriven and by how much the
ranges are exceeded. The FAN4174 will typically recover in
less than 500ns from an overdrive condition.
Figure 3 shows the FAN4174 amplifier in an overdriven
condition.
Figure 3. Overdrive Recovery
Driving Capacitive Loads
The Frequency Response vs. CL plot, illustrates the response of the
FAN4174 amplifier family. A small series resistance (Rs) at the
output of the amplifier, illustrated in Figure 4, will improve stabil-
ity and settling performance.
Rs values in the Frequency
Response vs. CL plot were chosen to achieve maximum band-
width with less than 2dB of peaking. For maximum flatness,
use a larger Rs. Capacitive loads larger than 500pF require the
use of Rs.
Figure 4. Typical Topology for driving
a capacitive load
Driving a capacitive load introduces phase-lag into the output
signal, which reduces phase margin in the amplifier. The unity
gain follower is the most sensitive configuration. In a unity gain
follower configuration, the FAN4174 amplifier family requires a
300
Ω series resistor to drive a 100pF load.
+
-
FAN4174
Rf
0.01
µF
6.8
µF
Out
In
+Vs
+
Rg
Rout
-
+
10k
Vo
Vin
Time (1
µs/div)
Output
Input
G = 5
VS = 2.7V
0.1
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
+
-
Rf
Rg
Rs
CL
RL


Numéro de pièce similaire - FAN4174IS5X_NL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174IS5X ONSEMI-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results

Description similaire - FAN4174IS5X_NL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com