Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN4174IS5X_NL Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN4174IS5X_NL
Description  Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174IS5X_NL Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN4174IS5X_NL Datasheet HTML 1Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 2Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 3Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 4Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 5Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 6Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FAN4174/FAN4274 Rev. 2D
3
www.fairchildsemi.com
Reliability Information
Note:
1. Package thermal resistance
(
θθθθ
JA), JEDEC standard, multi-layer test boards, still air.
Absolute Maximum Ratings
Note:
Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if operating conditions are not
exceeded.
Recommended Operating Conditions
Parameter
Min.
Typ.
Max.
Unit
Junction Temperature
150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
+300
°C
Thermal Resistance (
θθθθ
JA), 5 Lead SOT23
1
256
°C/W
Thermal Resistance (
θθθθ
JA), 5 Lead SC70
1
331
°C/W
Thermal Resistance (
θθθθ
JA), 8 Lead MSOP
1
206
°C/W
Parameter
Min.
Max.
Unit
Supply Voltage
0
6
V
Input Voltage Range
-Vs -0.5
+Vs +0.5
V
Parameter
Min.
Typ.
Max.
Unit
Operating Temperature Range
-40
+85
°C


Numéro de pièce similaire - FAN4174IS5X_NL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174IS5X ONSEMI-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results

Description similaire - FAN4174IS5X_NL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com