Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9283 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9283
Description  3V A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9283 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices AD9283 Datasheet HTML 10Page - Analog Devices AD9283 Datasheet HTML 11Page - Analog Devices AD9283 Datasheet HTML 12Page - Analog Devices AD9283 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD9283
–10–
REV. C
Figure 11. Printed Circuit Board Ground Layer
EVALUATION BOARD BILL OF MATERIALS — GS01717
#
Qty
REFDES
Device
Package
Value
1
15
C1, C4–C17
Ceramic Cap
0603
0.1
µF
2
4
C18–C21
Tantalum Cap
BCAPTAJD
10
µF
3
24
E1–E6, E8–E10, E12–E19,
E21, E34–E39
W-HOLE
4
4
J1, J2, J3, J5
Connector
SMB
5
1
P1
5-Pin Connector
Wieland Connector
(P/N #25.602.2553.0 Top
P/N #Z5.530.0525.0 Bottom)
6
1
P2
37-Pin Connector
AMP-747462-2
7
5
R4, R9, R10, R21, R22
Resistor
1206
50
8
1
R7
Resistor
1206
25
9
1
R23
Resistor
1206
2 k
10
1
T1
Transformer
Mini-Circuits T1-1T-KK81
11
1
U1
AD9283
SSOP-20
12
1
U3
AD9760
SOIC-28
13
1
U4
74ACQ574
SOIC-20
14
1
U5
SN74LVC86
SO14
Figure 12. Printed Circuit Board Bottom Side Copper


Numéro de pièce similaire - AD9283

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283 AD-AD9283 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283/PCB AD-AD9283/PCB Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRS-100 AD-AD9283BRS-100 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRS-100 AD-AD9283BRS-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
More results

Description similaire - AD9283

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9235 AD-AD9235_17 Datasheet
833Kb / 41P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com