Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3354BZCZA80 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3354BZCZA80
Description  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3354BZCZA80 Fiches technique(HTML) 4 Page - Texas Instruments

  AM3354BZCZA80 Datasheet HTML 1Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 2Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 3Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 4Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 5Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 6Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 7Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 8Page - Texas Instruments AM3354BZCZA80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 253 page
background image
4
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device Overview
Copyright © 2011–2016, Texas Instruments Incorporated
1.2
Applications
Gaming Peripherals
Home and Industrial Automation
Consumer Medical Appliances
Printers
Smart Toll Systems
Connected Vending Machines
Weighing Scales
Educational Consoles
Advanced Toys
(1)
For more information, see Section 9, Mechanical, Packaging, and Orderable Information.
1.3
Description
The AM335x microprocessors, based on the ARM Cortex-A8 processor, are enhanced with image,
graphics processing, peripherals and industrial interface options such as EtherCAT and PROFIBUS. The
devices support high-level operating systems (HLOS). Linux® and Android™ are available free of charge
from TI.
The AM335x microprocessor contain the subsystems shown in Figure 1-1 and a brief description of each
follows:
The microprocessor unit (MPU) subsystem is based on the ARM Cortex-A8 processor and the PowerVR
SGX™ Graphics Accelerator subsystem provides 3D graphics acceleration to support display and gaming
effects.
The PRU-ICSS is separate from the ARM core, allowing independent operation and clocking for greater
efficiency and flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols
such as EtherCAT, PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, and others.
Additionally, the programmable nature of the PRU-ICSS, along with its access to pins, events and all
system-on-chip (SoC) resources, provides flexibility in implementing fast, real-time responses, specialized
data handling operations, custom peripheral interfaces, and in offloading tasks from the other processor
cores of SoC.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM3359ZCZ
NFBGA (324)
15.0 mm × 15.0 mm
AM3358ZCZ
NFBGA (324)
15.0 mm × 15.0 mm
AM3357ZCZ
NFBGA (324)
15.0 mm × 15.0 mm
AM3356ZCZ, AM3356ZCE
NFBGA (324), NFBGA (298)
15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm
AM3354ZCZ, AM3354ZCE
NFBGA (324), NFBGA (298)
15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm
AM3352ZCZ, AM3352ZCE
NFBGA (324), NFBGA (298)
15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm
AM3351ZCE
NFBGA (298)
13.0 mm × 13.0 mm


Numéro de pièce similaire - AM3354BZCZA80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3354BZCZA80 TI1-AM3354BZCZA80 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3354BZCZA80 TI1-AM3354BZCZA80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3354BZCZA80 TI1-AM3354BZCZA80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3354BZCZA80 TI1-AM3354BZCZA80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3354BZCZA80 TI1-AM3354BZCZA80 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Description similaire - AM3354BZCZA80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com