Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS05 Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce TS05
Description  METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS05 Fiches technique(HTML) 1 Page - Suntan Capacitors

  TS05_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYESTER FILM CAPACITOR – MINI BOX
Suntan®
NON – INDUCTIVE, PLASTIC CASE AND EPOXY RESIN
TS05
F E A T U R E S
High reliability
Box type provides the identical outer
appearance
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Reference Standard
GB7332 (IEC 60384-2)
Climatic Category
55/100/56
Rated Temperature
85℃
Operating Temperature Range
-55℃~105℃
(+85℃ to +105℃: decreasing factor 1.25% per ℃ for VR (DC))
Rated Voltage
63V, 100V, 250V, 400V, 500V, 630V
Capacitance Range
0.0010µF ~ 1.5µF
Capacitance Tolerance
±
5%(J), ±10%(K), ±20%(M)
Voltage Proof
Type A: 1.6UR (5s) ; Type B: 1.4UR (5s)
Frequency
CR≦0.1µF
CR>0.1µF
1kHz
≤1.0%
≤1.0%
10kHz
≤1.5%
≤1.5%
Dissipation Factor
100kHz
≤3.0%
--
UR>100V
≥30 000MΩ, CR≤0.33µF (20℃, 100V, 1min)
≥15 000MΩ, CR≤0.33µF
Insulation Resistance
UR≤100V
≥5 000s,
CR>0.33µF
(20℃, 10V,1min)
dv / dt (V / µ s )
UR (V)
Type A
Type B
63
250
75
100
300
85
250
400
100
400
600
150
500
700
200
If the working voltage (U) is lower than the
rated voltage (UR), the capacitor can be worked
at a higher dv / dt. In this case, the maximum
allowed dv / dt is obtain by multiplying the right
value with UR /U
630
800
200
Outline Drawing
Dimensions (mm)
(Capacitor Tickness) T
≤3.5
>3.5
(Lead Wire Diz.)d±0.05
0.5
0.6
(Dimension Tolerance: W, H, T)
±0.2
±0.4
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TS05_17

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
TS05-66-43-BK-260-SMT-67 CUI-TS05-66-43-BK-260-SMT-67 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
TS05-66-50-BK-260-SMT-67 CUI-TS05-66-50-BK-260-SMT-67 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
TS05-66-80-BK-260-SMT-67 CUI-TS05-66-80-BK-260-SMT-67 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
logo
Suntan Capacitors
TS05D SUNTAN-TS05D Datasheet
99Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
TS05D SUNTAN-TS05D_17 Datasheet
276Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results

Description similaire - TS05_17

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS05 SUNTAN-TS05 Datasheet
150Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR - MINI BOX
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
TS02B SUNTAN-TS02B_17 Datasheet
174Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com