Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS02A Datasheet(Fiches technique) 1 Page - Suntan Capacitors

Numéro de pièce TS02A
Description  NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS02A Datasheet(HTML) 1 Page - Suntan Capacitors

  TS02A_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYESTER FILM CAPACITOR-AC-MFA
Suntan®
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
TS02A
F E A T U R E S
High reliability with self-healing performance
High moisture resistance
Competitive price
High capacitance stability
Recomendable for high frequency circuit use
Possibility production of special specifications
SPEC IFICA T ION S
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
TEMPERATURE RANGE
RATED VOLTAGE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
0.01 TO + 1.5 Mfd
±
5%, ±10%, ±20%
-40℃ TO +85℃
AC 250V
2,000 M
1% MAX. AT 1KHz
175% of rated voltage for 5sec.
VAC
Mfd
CODE
L
H
T
P
d
0.01
103
12
7
4
10
0.6
0.015
153
12
8
5
10
0.6
0.018
183
12
9
5
10
0.6
0.022
223
12
9
5.5
10
0.6
0.027
273
12
9
5.5
10
0.6
0.033
333
12.5
10
6
10
0.6
0.039
393
12.5
11
7
10
0.6
0.047
473
12.5
11
7
10
0.6
0.056
563
12.5
12
7
10
0.6
0.068
683
13
12.5
8
10
0.6
0.082
823
13
13
8
10
0.6
0.1
104
17.5
12
6
15
0.8
0.15
154
18
14
7.5
15
0.8
0.18
184
18
14
8
15
0.8
0.22
224
18
16
8
15
0.8
0.27
274
18
16
9
15
0.8
0.33
334
18
17
10
15
0.8
0.39
394
23
15
10
20
0.8
0.47
474
23
16
10.5
20
0.8
0.56
564
23
16.5
11
20
0.8
0.68
684
23
19.5
11
20
0.8
0.82
824
23
21
12.5
20
0.8
1.0
105
26
21.5
13.5
22.5
0.8
1.5
155
30
24
14
27.5
0.8
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn