Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90711 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce MLX90711
Description  Position/movement Sensing Auto-Shutoff
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MLX90711 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  MLX90711 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90711 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 5
MLX90711
Position/movement Sensing Auto-Shutoff
MLX90711 Position/movement Sensing Auto-Shutoff Page 5
Rev 1.0
15/Sep/00
Depending on the position of the sensor the voltage
at the TEST1 output will change.
The pin TEST1 is also used as digital I/O during the
asic production test.
Options
Following is a summary of the options that can be
changed with the metal mask:
Pinout
Standard package is 8-pin dual inline package or 8-
pin sop package.
Side Position Shut-Off
The design of the cavity in the pcb, on which the ball
of the sensor is moving, as well as the design of the
protective cover important aspects. When designed
properly the function of the Auto Shut-Off module
can also be defined when the module is rotated
around the axis perpendicular to the normal axis,
even when the ball tends to fall off of the pcb. In the
application of an iron this can be useful for defining
the functionality when the iron is put at his side.
Heating Up feature
If the heating up feature is present, it inhibits the
Auto Shut-Off function for 1 minute and 30 seconds
after the start up sequence regardless of the position
or the movement of the iron. If the iron is left
immobile the asic will activate the relay output after 1
min and 30 sec added to the time TH (or TV or TD
depending on the position).
If the heating up feature not present, the Auto Shut-
Off function is available as soon as the iron is
plugged: so the relay contacts will switch off after a
time TH if it is left in the ironing position without
movement , or after time TV if it is left vertically up,
or after time TD if it is left vertically down.
Sensor test mode
To measure the performance of the sensor in the
module, a sensor test mode is implemented. This
test mode is activated via the test pin TEST1, which
is normally left open. When connecting the pin
TEST1 to an external 12V supply (with respect to the
asic ground VSS) via a resistor of 220 Kohm the test
mode is activated and the output of the on chip
integrator is now available at the pin TEST1.
DIP8
SOP8 Name
Type
Description
1
2
CA1
Output Sensor output CA1
2
3
VSS
Supply Ground
3
4
SUM
Input
Sensor input
4
5
TEST1 Output Test output
5
6
VDD1
Supply Power supply
6
7
LEDP
Output Led driver
7
8
RD
Output Relay driver
8
1
CA0
Output Sensor output CA0
PCB top view
normal rotation axis
side position
rotation axis
parameter
value
option
POSMOV
0
Position sensing
1
Movement sensing
V1—V8
SPH1
0
Phase 1 of startup se-
quence is 0.5 sec.
1
Phase 1 of startup se-
quence is 3 sec.
HEATUPM
0
No heatup feature
1
Heatup feature present
SRD1 + SRD2
Select relay and led driver options
Select timing options


Numéro de pièce similaire - MLX90711

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
More results

Description similaire - MLX90711

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MXP1020-PS MICROSEMI-MXP1020-PS Datasheet
39Kb / 1P
   Position Sensing Photo Detectors
logo
List of Unclassifed Man...
S1-0009 ETC2-S1-0009 Datasheet
110Kb / 2P
   HIGH LINEARITY POSITION SENSING DETECTOR
1L20- ETC1-1L20- Datasheet
50Kb / 2P
   High Linearity Position Sensing Detector
DL-100-7-KERSMD ETC1-DL-100-7-KERSMD Datasheet
212Kb / 2P
   Position Sensing Photodiodes Special characteristics
DL100-7-KER ETC1-DL100-7-KER Datasheet
217Kb / 2P
   Position Sensing Photodiodes Special characteristics
1L20 ETC1-1L20 Datasheet
61Kb / 2P
   High Linearity Position Sensing Detector
logo
NXP Semiconductors
NTB0101A PHILIPS-NTB0101A_15 Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev. 1-14 July 2015
NTB0101A NXP-NTB0101A Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev.1-14 July2015
logo
Infineon Technologies A...
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com