Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

95158-01MBT Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce 95158-01MBT
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, DLA Approved, Low ESR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95158-01MBT Fiches technique(HTML) 3 Page - Vishay Siliconix

  95158-01MBT Datasheet HTML 1Page - Vishay Siliconix 95158-01MBT Datasheet HTML 2Page - Vishay Siliconix 95158-01MBT Datasheet HTML 3Page - Vishay Siliconix 95158-01MBT Datasheet HTML 4Page - Vishay Siliconix 95158-01MBT Datasheet HTML 5Page - Vishay Siliconix 95158-01MBT Datasheet HTML 6Page - Vishay Siliconix 95158-01MBT Datasheet HTML 7Page - Vishay Siliconix 95158-01MBT Datasheet HTML 8Page - Vishay Siliconix 95158-01MBT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DLA 95158
www.vishay.com
Vishay
Revision: 12-May-16
3
Document Number: 40120
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DC LEAKAGE
(μA)
MAX. DF
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX.
RIPPLE
100 kHz
IRMS (A)
+25 °C
+85 °C
+125 °C
+25 °C
+85 °C
+125 °C
-55 °C
6 VDC AT +85 °C; 4 VDC AT +125 °C
68
D
95158-01(1)(2)(3)
3.3
19.8
33.0
4
6
6
0.175
0.93
150
E
95158-02(1)(2)(3)
7.2
43.2
72.0
6
8
8
0.125
1.15
220
D
95158-25(1)(2)(3)
13.2
132.0
165.0
8
12
12
0.100
1.22
220
E
95158-03(1)(2)(3)
13.2
132.0
165.0
8
12
12
0.100
1.28
10 VDC AT +85 °C; 7 VDC AT +125 °C
47
D
95158-04(1)(2)(3)
3.8
22.8
38.0
4
6
6
0.200
0.87
68
E
95158-05(1)(2)(3)
5.4
32.4
54.0
4
6
6
0.150
1.05
100
D
95158-06(1)(2)(3)
10.0
100.0
125.0
8
12
12
0.100
1.22
100
E
95158-07(1)(2)(3)
8.0
48.0
80.0
6
8
8
0.100
1.28
150
E
95158-08(1)(2)(3)
15.0
150.0
187.5
8
12
12
0.100
1.28
150
D
95158-26(1)(2)(3)
15.0
150.0
187.5
8
12
12
0.100
1.22
220
E
95158-28(1)(2)(3)
15.0
150.0
187.5
8
12
12
0.100
1.28
16 VDC AT +85 °C; 10 VDC AT +125 °C
33
D
95158-09(1)(2)(3)
4.2
25.2
42.0
4
6
6
0.250
0.77
47
D
95158-10(1)(2)(3)
7.5
75.0
94.0
6
9
9
0.200
0.87
100
E
95158-11(1)(2)(3)
16.0
160.0
200.0
8
12
12
0.125
1.15
20 VDC AT +85 °C; 13 VDC AT +125 °C
15
D
95158-12(1)(2)(3)
2.4
14.4
24.0
4
6
6
0.275
0.74
22
D
95158-13(1)(2)(3)
3.5
21.0
35.0
4
6
6
0.275
0.74
47
E
95158-14(1)(2)(3)
7.5
45.0
75.0
4
6
6
0.150
1.05
68
E
95158-15(1)(2)(3)
13.6
136.0
170.0
6
9
9
0.150
1.05
25 VDC AT +85 °C; 17 VDC AT +125 °C
15
D
95158-16(1)(2)(3)
3.8
38.0
46.9
6
9
9
0.275
0.74
15
E
95158-17(1)(2)(3)
3.0
18.0
30.0
4
6
6
0.200
0.91
22
E
95158-18(1)(2)(3)
4.4
26.4
44.0
4
6
6
0.225
0.86
33
E
95158-19(1)(2)(3)
6.6
39.6
66.0
4
6
6
0.175
0.97
35 VDC AT +85 °C; 23 VDC AT +125 °C
4.7
C
95158-29(1)(2)(3)
1.7
10.2
17.0
6
9
9
0.600
0.43
6.8
E
95158-20(1)(2)(3)
1.9
11.4
19.0
4
6
6
0.300
0.74
10
D
95158-27(1)(2)(3)
3.5
35.0
42.0
4
6
6
0.300
0.71
10
E
95158-21(1)(2)(3)
2.8
16.8
28.0
4
6
6
0.250
0.81
15
E
95158-22(1)(2)(3)
5.3
53.0
65.6
6
9
9
0.225
0.86
22
E
95158-23(1)(2)(3)
7.7
77.0
96.3
6
9
9
0.300
0.74
50 VDC AT +85 °C; 33 VDC AT +125 °C
4.7
E
95158-24(1)(2)(3)
1.9
11.4
19.0
4
6
6
0.300
0.74
Note
• Part number definitions:
(1) Tolerance: K, M
(2) Termination finish: B, H
(3) Packaging: T


Numéro de pièce similaire - 95158-01MBT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
9515 ETC1-9515 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
logo
Belden Inc.
9515 BELDEN-9515 Datasheet
147Kb / 2P
   RS232, #24-15pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9515.060100 BELDEN-9515.060100 Datasheet
147Kb / 2P
   RS232, #24-15pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9515.0601000 BELDEN-9515.0601000 Datasheet
147Kb / 2P
   RS232, #24-15pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9515.060500 BELDEN-9515.060500 Datasheet
147Kb / 2P
   RS232, #24-15pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
More results

Description similaire - 95158-01MBT

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com