Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78M12CDT-1 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L78M12CDT-1
Description  POSITIVE VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M12CDT-1 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L78M12CDT-1 Datasheet HTML 5Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 6Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 7Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 8Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 9Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 10Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 11Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 12Page - STMicroelectronics L78M12CDT-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
L78M00 SERIES
9/21
ELECTRICAL CHARACTERISTICS OF L78M20C (refer to the test circuits, TJ = 25°C, VI =29V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
ELECTRICAL CHARACTERISTICS OF L78M24C (refer to the test circuits, TJ = 25°C, VI =33V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified),
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
19.2
20
20.8
V
VO
Output Voltage
IO = 5 to 350 mA
VI =23to35V
19
20
21
V
∆V
O
Line Regulation
VI = 23to 35V
IO = 200 mA
100
mV
VI = 24to 35V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
400
mV
IO = 5 to 200 mA
TJ = 25°C
200
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =23to35V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-1.1
mV/°C
SVR
Supply Voltage Rejection
VI = 24to 34V
f=120Hz
IO = 300mA
53
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
110
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
240
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
23
24
25
V
VO
Output Voltage
IO = 5 to 350 mA
VI =27to38V
22.8
24
25.2
V
∆V
O
Line Regulation
VI = 27to 38V
IO = 200 mA
100
mV
VI = 28to 38V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
480
mV
IO = 5 to 200 mA
TJ = 25°C
240
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =27to38V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-1.2
mV/°C
SVR
Supply Voltage Rejection
VI = 28to 38V
f=120Hz
IO = 300mA
50
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
170
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
240
mA


Numéro de pièce similaire - L78M12CDT-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L78M12CDT-1 STMICROELECTRONICS-L78M12CDT-1 Datasheet
493Kb / 30P
   Positive voltage regulators
More results

Description similaire - L78M12CDT-1

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com