Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST02-33G1 Datasheet(Fiches technique) 2 Page - Shindengen Electric Mfg.Co.Ltd

Numéro de pièce ST02-33G1
Description  PowerZenerDiode
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Site Internet  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST02-33G1 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST02-33G1_17 Datenblatt HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST02-33G1_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST02-33G1_17 Datenblatt HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST02-33G1_17 Datenblatt HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■特性図 CHARACTERI
STI
C DI
AGRAMS
せん頭サージ逆電流−クランピング電圧
Breakdown Voltage vs Junction Temperature
-Tj特性
Reverse Current vs Junction Temperature
せん頭サージ逆電流耐量
Peak Surge Reverse Current
Pulse Width tp〔ms〕
接合容量
Junction Capacitance
接合容量
Junction Capacitance
Reverse Voltage VR〔V〕
Clamping Voltage VCL〔V〕
Junction Temperature Tj〔℃〕
Junction Temperature Tj〔℃〕
25
30
35
40
50
45
0.1
10
0.01
0.001
TYP
Tl=25℃
10/1000μs
TYP
Pulse Test
IB=2mA
−50 −25
25
50
100150
125
75
35
25
30
40
25
75
50
100
125
150
100
1000
10
TYP
Pulse test
VR=25V
0.1
TYP
exponential wave
100
10
IRSM
IRSM/2
tp
0
1000
100
10
100
10
TYP
Tl=25℃
OSC=10mV
VR=25V
0.1
100
10
1000
100
10
TYP
Tl=25℃
OSC=10mV
f=100kHz
Peak Surge Reverse Current vs Clamping Voltage
ブレークダウン電圧−接合部温度
Frequency f〔kHz〕
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
U180-p2016.02〉)
ST02-33G1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn