Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9218BSTZ-RL105 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD9218BSTZ-RL105
Description  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9218BSTZ-RL105 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD9218BSTZ-RL105 Datasheet HTML 5Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 6Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 7Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 8Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 9Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 10Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 11Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 12Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9218
Rev. C | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
EXPLANATION OF TEST LEVELS
Table 5.
Parameter
Rating
I.
100% production tested.
VD, V
4 V
DD
II.
100% production tested at 25°C and sample tested at
specified temperatures.
Analog Inputs
–0.5 V to VD + 0.5 V
Digital Inputs
–0.5 V to V
+ 0.5 V
DD
REFIN Inputs
–0.5 V to VD + 0.5 V
III.
Sample tested only.
Digital Output Current
20 mA
IV.
Parameter is guaranteed by design and characterization
testing.
Operating Temperature
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Maximum Junction Temperature
150°C
V.
Parameter is a typical value only.
Maximum Case Temperature
150°C
θA (measured on a 4-layer board with
solid ground plane)
57°C/W
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing for industrial temperature
range.
100% production tested at temperature extremes for
military devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6. User Select Modes
S1
S2
Power-Down and Data Alignment Settings
0
0
Power down both Channel A and Channel B.
0
1
Power down Channel B only.
1
0
Normal operation (data align disabled).
1
1
Data align enabled (data from both channels
available on rising edge of Clock A. Channel B data is
delayed by a ½ clock cycle.)
ESD CAUTION


Numéro de pièce similaire - AD9218BSTZ-RL105

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9218BSTZ-RL1051 AD-AD9218BSTZ-RL1051 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
More results

Description similaire - AD9218BSTZ-RL105

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com