Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6644ASTZ-40 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD6644ASTZ-40
Description  Analog-to-Digital Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6644ASTZ-40 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD6644ASTZ-40 Datasheet HTML 6Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 7Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 8Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 9Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 10Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 11Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 12Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 13Page - Analog Devices AD6644ASTZ-40 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD6644
Rev. D | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
ENCODE = 65MSPS
AIN = 2.2MHz @ –1dBFS
SNR = 74.5dB
SFDR = 92dBc
0
5
10
15
20
25
30
Figure 4. Single Tone at 2.2. MHz
FREQUENCY (MHz)
0
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
ENCODE = 65MSPS
AIN = 15.5MHz @ –1dBFS
SNR = 74dB
SFDR = 90dBc
Figure 5. Single Tone at 15.5 MHz
FREQUENCY (MHz)
0
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
ENCODE = 65MSPS
AIN = 30MHz @ –1dBFS
SNR = 73.5dB
SFDR = 85dBc
0
5
10
15
20
25
30
Figure 6. Single Tone at 30 MHz
FREQUENCY (MHz)
74.5
73.5
72.5
72.0
74.0
73.0
75.0
T = –25°C
T = +25°C
T = +85°C
0
5
10
15
20
25
30
ENCODE = 65MSPS, AIN = –1dBFS
TEMP = –25°C, +25°C, +85°C
Figure 7. Noise vs. Analog Frequency (Nyquist)
ANALOG INPUT FREQUENCY (MHz)
92
86
82
80
90
84
88
94
0
5
10
15
20
25
30
T = –25°C, +85°C
T = +25°C
ENCODE = 65MSPS, AIN = –1dBFS
TEMP = –25°C, +25°C, +85°C
Figure 8. Harmonics vs. Analog Frequency (Nyquist)
ANALOG FREQUENCY (MHz)
74
71
69
68
73
70
72
75
AIN = –1dBFS
ENCODE = 65MSPS
LOW NOISE ANALOG SOURCE
PHASE NOISE OF ANALOG SOURCE
DEGRADES PERFORMANCE
0
1020
3040
5060708090
100
Figure 9. Noise vs. Analog Frequency (IF)


Numéro de pièce similaire - AD6644ASTZ-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6644AST-40 AD-AD6644AST-40 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD6644AST-65 AD-AD6644AST-65 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
More results

Description similaire - AD6644ASTZ-40

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com