Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4S2400W8G17-S Fiches technique(PDF) 2 Page - A-Data Technology

No de pièce AD4S2400W8G17-S
Description  High speed up to 2400MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-DATA [A-Data Technology]
Site Internet  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4S2400W8G17-S Fiches technique(HTML) 2 Page - A-Data Technology

  AD4S2400W8G17-S Datasheet HTML 1Page - A-Data Technology AD4S2400W8G17-S Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Capacity
Package
Model Number
EAN Code
4GB
512x8
Bulk
AD4S2400W4G17-B
N/A
Single Tray
AD4S2400W4G17-S
4712366964525
Retail
AD4S2400W4G17-R
4712366964532
Dual Retail (4GB x 2)
AD4S2400W4G17-2
4712366964549
8GB
Bulk
AD4S2400W8G17-B
N/A
Single Tray
AD4S2400W8G17-S
4712366964556
Retail
AD4S2400W8G17-R
4712366964563
Dual Retail (8GB x 2)
AD4S2400W8G17-2
4712366964570
8GB
1024x8
Bulk
AD4S240038G17-B
N/A
Single Tray
AD4S240038G17-S
4712366969315
Retail
AD4S240038G17-R
4712366969308
Dual Retail (8GB x 2)
AD4S240038G17-2
4712366969322
16GB
Bulk
AD4S2400316G17-B
N/A
Single Tray
AD4S2400316G17-S
4712366964587
Retail
AD4S2400316G17-R
4712366964594
Dual Retail (8GB x 2)
AD4S2400316G17-2
4712366964600
Package Information
Package
Type
IC
QTY
Bulk
weight (g)
Qty per
tray(pcs)
Weight
per tray
(g)
Qty per
sub
carton
(pcs)
Weight
per sub
carton
Carton
Dimensions
(L x W x H)
Cuft
Qty per
carton
(pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Bulk
8
8.5
50
545
50
690
490 x 291 x
324mm
1.63
600
8,280
9,123
16
10.5
50
645
50
790
600
9,480
10,323
Package
Type
IC
QTY
Bulk
weight (g)
Single tray
weight (g)
Single Tray
Dimensions
(L x W x H)
Carton Dimensions
(L x W x H)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Single
Tray
8
8.5
22.5
170 x 55 x 9mm
545 x 255 x 278mm
1.37
300
6,750
7,504
16
10.5
24.5
300
7,350
8,104
Package
Type
IC
QTY
Bulk
weight (g)
Retail
weight (g)
Retail Dimensions
(L x Wx H)
Carton Dimensions
(L x W x H)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Retail
8
8.5
30
102 x 140 x 14mm
295 x 215 x 232mm
0.52
100
2,950
4,004
16
10.5
32
100
3,150
4,204
Dual
Retail
8
8.5
48
133.5 x 165 x 19mm
606 x 345 x 150mm
1.11
100
4,800
5,869
16
10.5
52
100
5,200
6,269


Numéro de pièce similaire - AD4S2400W8G17-S

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
AD4S2133W4G15-2 A-DATA-AD4S2133W4G15-2 Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W4G15-B A-DATA-AD4S2133W4G15-B Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W4G15-R A-DATA-AD4S2133W4G15-R Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W4G15-S A-DATA-AD4S2133W4G15-S Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W8G15-2 A-DATA-AD4S2133W8G15-2 Datasheet
365Kb / 2P
   New generation DDR4 performance
More results

Description similaire - AD4S2400W8G17-S

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
   DDR4 2400MHz memory, up to 32GB
logo
Taoglas antenna solutio...
WCM.01.0151W TAOGLAS-WCM.01.0151W Datasheet
4Mb / 30P
   2400MHz to 2500MHz Antenna
logo
A-Data Technology
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
   2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com