Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4S2400W8G17-B Fiches technique(PDF) 1 Page - A-Data Technology

No de pièce AD4S2400W8G17-B
Description  High speed up to 2400MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-DATA [A-Data Technology]
Site Internet  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4S2400W8G17-B Fiches technique(HTML) 1 Page - A-Data Technology

  AD4S2400W8G17-B Datasheet HTML 1Page - A-Data Technology AD4S2400W8G17-B Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Premier DDR4 2400 SO-DIMM
DDR4 offers multiple advantages over previous DRAM generations, and ADATA provides the highest quality and the
fastest performance. Our Premier DDR4 2400 SO-DIMM memory modules for notebooks and small form factor PCs
arrive in convenient 4GB to 16GB for instant upgrades on any compatible notebook. They deliver faster data transfers
than DDR3, coupled with lower energy consumption that reduces heat and extends battery life. Our DDR4 is also
optimized to unlock the power of the newest Intel processors.
Features
● High speed up to 2400MHz
● Transfer bandwidth up to 17GB/s
● Energy efficient: saves 20% power compared to
DDR3
● 8-layer PCB provides improved signal transfer and
system stability
● Supports Intel Skylake, Haswell-E, Kaby Lake, and
Cannon Lake platforms
Specifications
For notebooks and small form factor PCs
● Module spec: 260-pin SO-DIMM
● Densities: 4GB / 8GB / 16GB
● Power supply: VDD and VDDQ=1.2V +0.06/-0.06V
● DRAM activation power supply: VPP = 2.5V (+0.25V /
-0.125V)
● DRAM VCC: DDR4 STD 1.2V
● Operating temperature: 0°C to 85°C
● Warranty: limited lifetime


Numéro de pièce similaire - AD4S2400W8G17-B

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
AD4S2133W4G15-2 A-DATA-AD4S2133W4G15-2 Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W4G15-B A-DATA-AD4S2133W4G15-B Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W4G15-R A-DATA-AD4S2133W4G15-R Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W4G15-S A-DATA-AD4S2133W4G15-S Datasheet
365Kb / 2P
   New generation DDR4 performance
AD4S2133W8G15-2 A-DATA-AD4S2133W8G15-2 Datasheet
365Kb / 2P
   New generation DDR4 performance
More results

Description similaire - AD4S2400W8G17-B

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
   DDR4 2400MHz memory, up to 32GB
logo
Taoglas antenna solutio...
WCM.01.0151W TAOGLAS-WCM.01.0151W Datasheet
4Mb / 30P
   2400MHz to 2500MHz Antenna
logo
A-Data Technology
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
   2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com