Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4S2133W8G15-B Fiches technique(PDF) 2 Page - A-Data Technology

No de pièce AD4S2133W8G15-B
Description  New generation DDR4 performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-DATA [A-Data Technology]
Site Internet  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4S2133W8G15-B Fiches technique(HTML) 2 Page - A-Data Technology

  AD4S2133W8G15-B Datasheet HTML 1Page - A-Data Technology AD4S2133W8G15-B Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
are simple to install and are guaranteed
compatible.
Specifications
● For notebook PCs
● 260-pin SO-DIMM
● Densities: 4GB/8GB
● Power supply: VDD and VDDQ=1.2V ±0.06V
● DRAM activation power supply: VPP= 2.5V
(+0.25V/-0.125V)
● DRAM spec/VCC: DDR4 STD 1.2V
● Operating temperatures: 0°C to 85°C
● Warranty: limited lifetime warranty
Ordering Information
Capacity
Package
Model Number
EAN Code
4GB
512x8
Bulk
AD4S2133W4G15-B
N/A
Single tray
AD4S2133W4G15-S
4713435799857
Retail
AD4S2133W4G15-R
4713435799864
Dual retail
AD4S2133W4G15-2
4713435799871
8GB
512x8
Bulk
AD4S2133W8G15-B
N/A
Single tray
AD4S2133W8G15-S
4713435799918
Retail
AD4S2133W8G15-R
4713435799925
Dual retail
AD4S2133W8G15-2
4713435799932


Numéro de pièce similaire - AD4S2133W8G15-B

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
AD4S2400316G17-2 A-DATA-AD4S2400316G17-2 Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S2400316G17-B A-DATA-AD4S2400316G17-B Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S2400316G17-R A-DATA-AD4S2400316G17-R Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S2400316G17-S A-DATA-AD4S2400316G17-S Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S240038G17-2 A-DATA-AD4S240038G17-2 Datasheet
401Kb / 2P
   High speed up to 2400MHz
More results

Description similaire - AD4S2133W8G15-B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF Datasheet
195Kb / 10P
   High Performance Schottky Rectifier New Generation
Revision: 21-May-14
VS-113CNQ100APBF VISHAY-VS-113CNQ100APBF Datasheet
189Kb / 10P
   High Performance Schottky Rectifier New Generation 3
Revision: 23-May-14
logo
LG Semicon Co.,Ltd.
GM71C4256B LG-GM71C4256B Datasheet
1Mb / 19P
   New Generation Dynamic RAM
logo
Seoul Semiconductor
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
Fairchild Semiconductor
AN-5232 FAIRCHILD-AN-5232 Datasheet
1Mb / 15P
   New Generation Super-Junction MOSFETs
logo
KODENSHI_AUK CORP.
SUN04A60F KODENSHI-SUN04A60F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
SUN04A65IS KODENSHI-SUN04A65IS Datasheet
480Kb / 8P
   New Generation N-Ch Power MOSFET
SUN08A70F KODENSHI-SUN08A70F Datasheet
554Kb / 8P
   New Generation N-Ch Power MOSFET
SUN09A65F KODENSHI-SUN09A65F Datasheet
570Kb / 8P
   New Generation N-Ch Power MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com