Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4S2133W4G15-B Fiches technique(PDF) 1 Page - A-Data Technology

No de pièce AD4S2133W4G15-B
Description  New generation DDR4 performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-DATA [A-Data Technology]
Site Internet  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4S2133W4G15-B Fiches technique(HTML) 1 Page - A-Data Technology

  AD4S2133W4G15-B Datasheet HTML 1Page - A-Data Technology AD4S2133W4G15-B Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Premier DDR4 2133 SO-DIMM Memory
ADATA Premier DDR4 2133 SO-DIMM memory brings the benefits and advantages of new-generation
DDR4 to notebook PCs in a high quality, high performance, and ultra-efficient package. Whether as an
upgrade from installed DDR3 memory or as part of pre-built notebooks, ADATA provides users with high
speed, 2133MHz DDR4 that runs at a power-efficient 1.2V. This represents a major reduction in energy
draw compared to DDR3, which requires 1.5V. In addition to enhancing computing power while reducing
energy consumption, DDR4 is especially useful on notebooks as it delivers longer battery life. As always,
ADATA DDR4 SO-DIMM memory passes our strict A+ testing methodology to guarantee stable, long-lasting
operation. The reliability of our DDR4 memory is backed by a limited lifetime warranty.
Features
● New generation DDR4 performance
● Greater computing power and efficiency with a
superb cost-performance ratio
● 2133MHz frequency at just 1.2V
● Strict compliance with JEDEC standards
● Rigorous quality assurance and testing
● Optimized for the latest Intel processors
● Available in 4GB and 8GB densities
● Limited lifetime warranty
Target Applications
Ideal as an upgrade for compatible notebooks
that currently use DDR3 and for installation in
new notebooks designed with DDR4 as the
memory of choice. In all cases, our 4GB and 8GB


Numéro de pièce similaire - AD4S2133W4G15-B

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
AD4S2400316G17-2 A-DATA-AD4S2400316G17-2 Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S2400316G17-B A-DATA-AD4S2400316G17-B Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S2400316G17-R A-DATA-AD4S2400316G17-R Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S2400316G17-S A-DATA-AD4S2400316G17-S Datasheet
401Kb / 2P
   High speed up to 2400MHz
AD4S240038G17-2 A-DATA-AD4S240038G17-2 Datasheet
401Kb / 2P
   High speed up to 2400MHz
More results

Description similaire - AD4S2133W4G15-B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF Datasheet
195Kb / 10P
   High Performance Schottky Rectifier New Generation
Revision: 21-May-14
VS-113CNQ100APBF VISHAY-VS-113CNQ100APBF Datasheet
189Kb / 10P
   High Performance Schottky Rectifier New Generation 3
Revision: 23-May-14
logo
LG Semicon Co.,Ltd.
GM71C4256B LG-GM71C4256B Datasheet
1Mb / 19P
   New Generation Dynamic RAM
logo
Seoul Semiconductor
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
Fairchild Semiconductor
AN-5232 FAIRCHILD-AN-5232 Datasheet
1Mb / 15P
   New Generation Super-Junction MOSFETs
logo
KODENSHI_AUK CORP.
SUN04A60F KODENSHI-SUN04A60F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
SUN04A65IS KODENSHI-SUN04A65IS Datasheet
480Kb / 8P
   New Generation N-Ch Power MOSFET
SUN08A70F KODENSHI-SUN08A70F Datasheet
554Kb / 8P
   New Generation N-Ch Power MOSFET
SUN09A65F KODENSHI-SUN09A65F Datasheet
570Kb / 8P
   New Generation N-Ch Power MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com